Electronic Components Datasheet Search
  English  ▼

X  

AD8218 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8218
Description  Zero Drift, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8218 Datasheet(HTML) 5 Page - Analog Devices

  AD8218 Datasheet HTML 1Page - Analog Devices AD8218 Datasheet HTML 2Page - Analog Devices AD8218 Datasheet HTML 3Page - Analog Devices AD8218 Datasheet HTML 4Page - Analog Devices AD8218 Datasheet HTML 5Page - Analog Devices AD8218 Datasheet HTML 6Page - Analog Devices AD8218 Datasheet HTML 7Page - Analog Devices AD8218 Datasheet HTML 8Page - Analog Devices AD8218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8218
Rev. A | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
+IN
1
VS 2
ENB
3
GND
4
–IN
8
REF
7
NC
6
OUT
5
NC = NO CONNECT.
DO NOT CONNECT TO THIS PIN.
AD8218
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+IN
Noninverting Input.
2
VS
Supply Pin. Bypass with a standard 0.1 μF capacitor.
3
ENB
Connect to GND to enable the internal 80 mV reference.
4
GND
Ground.
5
OUT
Output.
6
NC
Do not connect to this pin.
7
REF
Reference Input. Connect to a low impedance voltage.
8
−IN
Inverting Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com