Electronic Components Datasheet Search
  English  ▼

X  

AD8218 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8218
Description  Zero Drift, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8218 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8218 Datasheet HTML 8Page - Analog Devices AD8218 Datasheet HTML 9Page - Analog Devices AD8218 Datasheet HTML 10Page - Analog Devices AD8218 Datasheet HTML 11Page - Analog Devices AD8218 Datasheet HTML 12Page - Analog Devices AD8218 Datasheet HTML 13Page - Analog Devices AD8218 Datasheet HTML 14Page - Analog Devices AD8218 Datasheet HTML 15Page - Analog Devices AD8218 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8218
Rev. A | Page 12 of 16
APPLICATIONS INFORMATION
UNIDIRECTIONAL HIGH-SIDE CURRENT SENSING
In the unidirectional high-side current sensing configuration,
the shunt resistor is referenced to the battery (see Figure 31).
High voltage is present at the inputs of the current sense amplifier.
When the shunt is battery referenced, the AD8218 produces a
linear ground-referenced analog output. The supply pin, VS, of the
AD8218 can either be connected to a 5 V supply or left floating (see
the Supply (VS) Connections section).
LOAD
V2
ILOAD
V1
SHUNT
BATTERY
(4V TO 80V)
LDO
R2
R1
AD8218
R4
R3
+IN
–IN
OUT
ENB
REF
GND
VS
Figure 31. Unidirectional Operation with ENB Connected to GND
The output transfer function curve for unidirectional operation
with ENB connected to GND is shown in Figure 32.
0
40
80
120
160
200
240
280
320
0
1
2
3
4
5
6
7
8
9
10
INPUT VOLTAGE (mV)
Figure 32. Output Transfer Function with ENB Connected to GND
BIDIRECTIONAL HIGH-SIDE CURRENT SENSING
Inputting a voltage at Pin 7 (REF) offsets the output of the AD8218
and allows for bidirectional current sensing. The transfer function
from the REF pin to the output is 1 V/V. For example, a 2.5 V REF
input offsets the output of the AD8218 to 2.5 V. See Figure 33
for typical connections. The user must ensure that the voltage
applied at Pin 7 (REF) is from a low impedance source.
SHUNT
LDO
R2
R1
AD8218
R4
R3
+IN
–IN
OUT
ENB
REF
2.5V
GND
VS
LOAD
V2
ILOAD
V1
BATTERY
(4V TO 80V)
Figure 33. Bidirectional Operation Using a 2.5 V Reference Input
The output transfer function curve for bidirectional operation
using a 2.5 V reference input is shown in Figure 34.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
INPUT VOLTAGE (V)
Figure 34. Transfer Function When Using a 2.5 V Reference Input
MOTOR CONTROL CURRENT SENSING
The AD8218 is a practical, accurate solution for high-side
current sensing in motor control applications. In cases where
the shunt resistor is referenced to a battery and the current
flowing is bidirectional (as shown in Figure 35), the AD8218
monitors the current with no additional supply pin necessary.
GND
BATTERY
MOTOR
IMOTOR
AD8218
+IN
VS
VREF
–IN
REF
OUT
ENB
Figure 35. High-Side Current Sensing in Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com