Electronic Components Datasheet Search
  English  ▼

X  

AD8219 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8219
Description  Zero Drift, Unidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8219 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8219 Datasheet HTML 7Page - Analog Devices AD8219 Datasheet HTML 8Page - Analog Devices AD8219 Datasheet HTML 9Page - Analog Devices AD8219 Datasheet HTML 10Page - Analog Devices AD8219 Datasheet HTML 11Page - Analog Devices AD8219 Datasheet HTML 12Page - Analog Devices AD8219 Datasheet HTML 13Page - Analog Devices AD8219 Datasheet HTML 14Page - Analog Devices AD8219 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8219
Rev. 0 | Page 11 of 16
APPLICATION INFORMATION
OUTPUT LINEARITY
In all current sensing applications where the common-mode
voltage can vary significantly, it is important that the current
sensor maintain the specified output linearity, regardless of
the input differential or common-mode voltage. The AD8219
maintains a very high input-to-output linearity even when the
differential input voltage is very small.
0.7
0
0.1
0.2
0.3
0.4
0.5
0.6
0
10
9
8
7
6
5
4
3
2
1
DIFFERENTIAL INPUT VOLTAGE (mV)
Figure 27. Typical Gain Linearity at Small Differential Inputs
(VCM = 4 V to 80 V)
Regardless of the common mode, the AD8219 provides a
correct output voltage when the input differential is at least
1 mV. The ability of the AD8219 to work with very small
differential inputs, regardless of the common-mode voltage,
allows for optimal dynamic range, accuracy, and flexibility in
any current sensing application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com