Electronic Components Datasheet Search
  English  ▼

X  

AD8219 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8219
Description  Zero Drift, Unidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8219 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8219 Datasheet HTML 8Page - Analog Devices AD8219 Datasheet HTML 9Page - Analog Devices AD8219 Datasheet HTML 10Page - Analog Devices AD8219 Datasheet HTML 11Page - Analog Devices AD8219 Datasheet HTML 12Page - Analog Devices AD8219 Datasheet HTML 13Page - Analog Devices AD8219 Datasheet HTML 14Page - Analog Devices AD8219 Datasheet HTML 15Page - Analog Devices AD8219 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8219
Rev. 0 | Page 12 of 16
APPLICATIONS INFORMATION
HIGH-SIDE CURRENT SENSING
In this configuration, the shunt resistor is referenced to the
battery (see Figure 28). High voltage is present at the inputs
of the current sense amplifier. When the shunt is battery
referenced, the AD8219 produces a linear ground referenced
analog output.
+IN
ILOAD
SHUNT
GND
–IN
4V
TO
80V
AD8219
OUT
VS
LOAD
Figure 28. Battery Referenced Shunt Resistor
Figure 28 shows the supply pin, VS, connected directly to the
positive input (+IN) pin. In this mode, the internal LDO powers
the AD8219 as long as the common-mode voltage at the input
pins is 4 V to 80 V. Additionally, VS can also be connected to a
standalone supply that can vary from 4 V to 80 V as shown in
Figure 29.
+IN
ILOAD
SHUNT
GND
–IN
AD8219
OUT
VS
4V
TO
80V
4V
TO
80V
LOAD
Figure 29. Standalone Supply Operation
MOTOR CONTROL CURRENT SENSING
The AD8219 is a practical, accurate solution for high-side
current sensing in motor control applications. In cases where
the shunt resistor is referenced to a battery and the current
flowing is unidirectional (as shown in Figure 30), the AD8219
monitors the current with no additional supply pin necessary
provided the battery voltage in the following circuit is in the 4 V
to 80 V range.
+IN
GND
–IN
BATTERY
MOTOR
IMOTOR
AD8219
OUT
VS
Figure 30. High-Side Current Sensing in Motor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com