Electronic Components Datasheet Search
  English  ▼

X  

AD9739A Datasheet(PDF) 39 Page - Analog Devices

Part # AD9739A
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739A Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9739A Datasheet HTML 35Page - Analog Devices AD9739A Datasheet HTML 36Page - Analog Devices AD9739A Datasheet HTML 37Page - Analog Devices AD9739A Datasheet HTML 38Page - Analog Devices AD9739A Datasheet HTML 39Page - Analog Devices AD9739A Datasheet HTML 40Page - Analog Devices AD9739A Datasheet HTML 41Page - Analog Devices AD9739A Datasheet HTML 42Page - Analog Devices AD9739A Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD9739A
Rev. 0 | Page 39 of 44
Output Stage Configuration
The AD9739A is intended to serve high dynamic range
applications that require wide signal reconstruction bandwidth
(that is, DOCSIS CMTS) and/or high IF/RF signal generation.
Optimum ac performance can only be realized if the DAC
output is configured for differential (that is, balanced) operation
with its output common-mode voltage biased to analog ground.
The output network used to interface to the DAC should
provide a near 0 Ω dc bias path to analog ground. Any
imbalance in the output impedance between the IOUTP and
IOUTN pins results in asymmetrical signal swings that degrade
the distortion performance (mostly even order) and noise
performance. Component selection and layout are critical in
realizing the AD9739A’s performance potential.
MINI-CIRCUITS®
TC1-33-75G+
90Ω
90Ω
IOUTP
IOUTN
70Ω
Figure 97. Recommended Balun for Wideband Applications with Upper
Bandwidths of up to 2.2 GHz
Most applications requiring balanced-to-unbalanced conversion
can take advantage of the Ruthroff 1:1 balun configuration
shown in Figure 97. This configuration provides excellent
amplitude/phase balance over a wide frequency range while
providing a 0 Ω dc bias path to each DAC output. Also, its
design provides exceptional bandwidth and can be considered
for applications requiring signal reconstruction of up to 2.2 GHz.
The characterization plots shown in this data sheet are based on
the AD9739A evaluation board, which uses this configuration.
Figure 98 compares the measured frequency response for
normal and mix mode using the AD9739A evaluation board vs.
the ideal frequency response.
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
500
1000
1500
2000
2500
3000
3500
FREQUENCY (MHz)
IDEAL BASEBAND MODE
MIX MODE
TC1-33-75G
BASEBAND
TC1-33-75G
IDEAL MIX MODE
Figure 98. Measured vs. Ideal Frequency Response for Normal (Baseband)
and Mix-Mode Operation Using a TC1-33-75G Transformer on
the AD9739A EVB
Figure 99 shows an interface that can be considered when
interfacing the DAC output to a self-biased differential gain
block. The inductors shown serve as RF chokes (L) that provide
the dc bias path to analog ground. The value of the inductor,
along with the dc blocking capacitors (C), determines the lower
cutoff frequency of the composite pass-band response. An RF
balun should also be considered before the RF differential gain
stage and any filtering to ensure symmetrical common-mode
impedance seen by the DAC output while suppressing any
common mode noise, harmonics, and clock spurs prior to
amplification.
90Ω
IOUTP
IOUTN
70Ω
L
L
RF DIFF
AMP
C
C
OPTIONAL BALUN AND FILTER
90Ω
LPF
Figure 99. Interfacing the DAC Output to the Self-Biased Differential
Gain Stage
For applications operating the AD9739A in mix mode with output
frequencies extending beyond 2.2 GHz, the circuits shown in
Figure 100 should be considered. The circuit in Figure 100 uses
a wideband balun with a configuration similar to the one shown
in Figure 99 to provide a dc bias path for the DAC outputs. The
circuit in Figure 101 takes advantage of ceramic chip baluns to
provide a dc bias path for the DAC outputs while providing
excellent amplitude/phase balance over a narrower RF band.
These low cost, low insertion loss baluns are available for
different popular RF bands and provide excellent amplitude/
phase balance over their specified frequency range.
C
C
MINI-CIRCUITS
TC1-1-462M
90Ω
IOUTP
IOUTN
70Ω
L
L
90Ω
Figure 100. Recommended Mix-Mode Configuration Offering Extended RF
Bandwidth Using a TC1-1-43A+ Balun
MURATA
JOHANSON TECHNOLOGY
CHIP BALUNS
180Ω
IOUTP
IOUTN
70Ω
Figure 101. Lowest Cost and Size Configuration for Narrow RF Band
Operation
NONIDEAL SPECTRAL ARTIFACTS
The AD9739A output spectrum contains spectral artifacts that
are not part of the original digital input waveform. These non-
ideal artifacts included harmonics (including alias harmonics),
images, and clock spurs. Figure 102 shows a spectral plot of the
AD9739A within the first Nyquist zone (that is, dc to fDAC/2)
reconstructing a 650 MHz, 0 dBFS sine wave at 2.4 GSPS. Besides
the desired fundamental tone at the −7.8 dBm level, the spectrum
also reveals these nonideal artifacts that also appear as spurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com