Electronic Components Datasheet Search
  English  ▼

X  

AD9739A Datasheet(PDF) 16 Page - Analog Devices

Part # AD9739A
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739A Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9739A Datasheet HTML 12Page - Analog Devices AD9739A Datasheet HTML 13Page - Analog Devices AD9739A Datasheet HTML 14Page - Analog Devices AD9739A Datasheet HTML 15Page - Analog Devices AD9739A Datasheet HTML 16Page - Analog Devices AD9739A Datasheet HTML 17Page - Analog Devices AD9739A Datasheet HTML 18Page - Analog Devices AD9739A Datasheet HTML 19Page - Analog Devices AD9739A Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9739A
Rev. 0 | Page 16 of 44
ONE-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
fDAC = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, 25°C, unless otherwise noted.
1
2∆1
4∆1
5∆1
3∆1
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–11.475dBm
–77.042dB
–76.238dB
–74.526dB
–75.919dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–11.476dBm
–77.042dB
–76.238dB
–74.526dB
–75.919dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
200MHz
199.60MHz
400.05MHz
597.65MHz
413.35MHz
–31
–42
–53
–64
–75
–86
–97
–108
–119
Figure 34. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–10.231dBm
–76.425dB
–75.626dB
–70.658dB
–75.824dB
–78.118dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–10.231dBm
–76.444dB
–75.649dB
–70.658dB
–75.836dB
–78.054dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
∆1
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
549.60MHz
–485.35MHz
127.40MHz
254.70MHz
63.75MHz
293.65MHz
1
2∆1
4∆1
5∆1
6∆1
3∆1
–31
–42
–53
–64
–75
–86
–97
–108
–119
Figure 35. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–13.658dBm
–65.548dB
–66.990dB
–69.049dB
–72.789dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
(∆)
Y
–13.703dBm
–65.548dB
–66.990dB
–69.044dB
–72.789dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
∆1
∆1
∆1
∆1
MODE
MKR
SCL
TRC
979.00MHz
–484.40MHz
–118.65MHz
–613.60MHz
–365.65MHz
1
4∆1
3∆1
5∆1
2∆1
–31
–42
–53
–64
–75
–86
–97
–108
–119
Figure 36. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 200MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.16
–81.26
–80.72
–80.76
–80.78
dBc
–59.38
–81.23
–80.71
–80.72
–80.73
dBm
–70.35
–91.45
–90.91
–90.95
–90.97
LOWER
dBm
–69.57
–91.42
–90.90
–90.91
–90.92
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER –10.190dBm/6MHz
ACP-IBW
–35
–45
–55
–65
–75
–85
–95
–105
–115
–80.7dBc
–80.7dBc
–80.7dBc
–81.2dBc
–10.2dBm
–81.3dBc
–80.7dBc
–80.8dBc
–80.8dBc
Figure 37. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 550MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–58.53
–74.41
–75.55
–76.69
–77.67
dBm
–68.90
–84.78
–85.92
–87.06
–88.03
LOWER
dBc
–57.91
–75.09
–76.29
–77.63
–78.51
dBm
–68.28
–85.46
–86.65
–88.00
–88.88
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER –10.368dBm/6MHz
ACP-IBW
–35
–45
–55
–65
–75
–85
–95
–105
–115
–78.5dBc
–77.6dBc
–76.3dBc
–75.1dBc
–10.4dBm
–74.4dBc
–75.6dBc
–77.7dBc
–76.7dBc
Figure 38. Mid Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 980MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.15
–67.94
–68.58
–70.64
–72.35
dBm
–71.93
–80.72
–81.35
–83.42
–85.13
LOWER
dBc
–60.38
–68.67
–69.90
–71.12
–72.61
dBm
–73.15
–81.44
–82.68
–83.90
–85.39
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER –12.778dBm/6MHz
ACP-IBW
–72.6dBc
–71.1dBc
–69.9dBc
–68.7dBc
–12.6dBm
–67.9dBc
–68.6dBc
–70.6dBc
–72.3dBc
–35
–45
–55
–65
–75
–85
–95
–105
–115
Figure 39. High Band Narrow-Band ACLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com