Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button LM4041 Datasheet HTML 8Page - Micrel Semiconductor LM4041 Datasheet HTML 9Page - Micrel Semiconductor LM4041 Datasheet HTML 10Page - Micrel Semiconductor LM4041 Datasheet HTML 11Page - Micrel Semiconductor LM4041 Datasheet HTML 12Page - Micrel Semiconductor LM4041 Datasheet HTML 13Page - Micrel Semiconductor LM4041 Datasheet HTML 14Page - Micrel Semiconductor LM4041 Datasheet HTML 15Page - Micrel Semiconductor LM4041 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LM4040/4041
Micrel, Inc.
M9999-031805
12
March 2005
LM4041 Typical Characteristics
* Output Impedance vs. Freq.
Test Circuit
‡ Large Signal Response
Test Circuit
† Reverse Characteristics
Test Circuit
* Output impedance measurement..
† Reverse characteristics measurement.
‡ Large signal response measurement.
–
+
CL
120k
FB
IR
FB
2V / step
VOUT
IR
( + )
( – )
LM4041-ADJ
V
VOUT
LM4041-ADJ
( + )
FB
( – )
100k
INPUT
+ 15V
5.1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com