Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # LM4041
Description  Precision Micropower Shunt Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button LM4041 Datasheet HTML 8Page - Micrel Semiconductor LM4041 Datasheet HTML 9Page - Micrel Semiconductor LM4041 Datasheet HTML 10Page - Micrel Semiconductor LM4041 Datasheet HTML 11Page - Micrel Semiconductor LM4041 Datasheet HTML 12Page - Micrel Semiconductor LM4041 Datasheet HTML 13Page - Micrel Semiconductor LM4041 Datasheet HTML 14Page - Micrel Semiconductor LM4041 Datasheet HTML 15Page - Micrel Semiconductor LM4041 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LM4040/4041
Micrel, Inc.
M9999-031805
14
March 2005
Figure 8. Bidirectional Adjustable Clamp
±2.4 to ±6V
Figure 7. Bidirectional Adjustable Clamp
±18V to ±2.4V
* D1 can be any LED, VF = 1.5V to 2.2V at 3mA. D1 may act as an indicator.
D1 will be on if ITHRESHOLD falls below the threshold current, except with I = O.
Figure 9. Floating Current Detector
Figure 6. Bidirectional Clamp
±2.4V
Figure 5. Fast Positive Clamp
2.4V + ∆VD1
VIN
VOUT
D1
1N914
D2
1N914
R3
240k
R4
240k
R1
I
R2
50A
LM4041-ADJ
FB
+
–
D1
1N457
R3
510k
LM4041-ADJ
D2
1N457
VOUT
R2
510k
VIN
R1
I
+
FB
FB
LM4041-ADJ
+
–
–
VIN
R1
R2
390k
R3
500k
FB
+
–
LM4041-ADJ
D1
1N457
R4
390k
D2
1N457
LM4041-ADJ
FB
+
–
I
VOUT
VIN
R1
I
LM4041-ADJ
D2
1N457
R3
1M
R2
330k
VOUT
LM4041-ADJ
FB
+
–
FB –
+
D1
1N457
R4
330k
0 to 20mA
R1
390
Ω
± 2%
1N4002
D2
LM4041-ADJ
+
–
FB
λ
D1*
1
2
3
6
5
4
4N28
N.C.
ITHRESHOLD =
+
= 3.2mA
1.24V
R1
5A
4N28 GAIN
N.C.
R2
470k
CMOS
+ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com