Electronic Components Datasheet Search
  English  ▼

X  

MIC184BMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC184BMM
Description  Local/Remote Thermal Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC184BMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC184BMM Datasheet HTML 1Page - Micrel Semiconductor MIC184BMM Datasheet HTML 2Page - Micrel Semiconductor MIC184BMM Datasheet HTML 3Page - Micrel Semiconductor MIC184BMM Datasheet HTML 4Page - Micrel Semiconductor MIC184BMM Datasheet HTML 5Page - Micrel Semiconductor MIC184BMM Datasheet HTML 6Page - Micrel Semiconductor MIC184BMM Datasheet HTML 7Page - Micrel Semiconductor MIC184BMM Datasheet HTML 8Page - Micrel Semiconductor MIC184BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MIC184
Micrel
MIC184
2
May 2006
Pin Description
Pin Number
Pin Name
Pin Function
1
DATA
Data (Digital I/O): Open-drain. Serial data input/output.
2
CLK
Clock (Digital Input): The host provides the serial bit clock on this input.
3
INT
Interrupt (Digital Output): Open-drain. Interrupt or thermostat output.
4
GND
Ground: Power and signal return for all IC functions.
5
A2/T1
Address Bit 2 (Digital Input): Slave address selection input. See “Slave Ad-
dress Truth Table.”
Temperature Sensor 1 (Analog Input): Input from remote temperature sensor
(diode junction).
6
A1
Address Bit 1 (Digital Input): Slave address selection input. See “Slave Ad-
dress Truth Table.”
7
A0
Address Bit 0 (Digital Input): Slave address selection input. See “Slave Ad-
dress Truth Table.”
8
VDD
Supply (Analog Input): Power supply input to the IC.
Pin Configuration
1
DATA
CLK
INT
GND
8 VDD
A0
A1
A2/T1
7
6
5
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com