Electronic Components Datasheet Search
  English  ▼

X  

MIC184BMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC184BMM
Description  Local/Remote Thermal Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC184BMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC184BMM Datasheet HTML 1Page - Micrel Semiconductor MIC184BMM Datasheet HTML 2Page - Micrel Semiconductor MIC184BMM Datasheet HTML 3Page - Micrel Semiconductor MIC184BMM Datasheet HTML 4Page - Micrel Semiconductor MIC184BMM Datasheet HTML 5Page - Micrel Semiconductor MIC184BMM Datasheet HTML 6Page - Micrel Semiconductor MIC184BMM Datasheet HTML 7Page - Micrel Semiconductor MIC184BMM Datasheet HTML 8Page - Micrel Semiconductor MIC184BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
May 2006
3
MIC184
MIC184
Micrel
Absolute Maximum Ratings (Note 1)
Power Supply Voltage, VDD..........................................6.0V
Voltage on Any Pin ................................–0.3V to VDD+0.3V
Current Into Any Pin ................................................... ±6mA
Power Dissipation, TA = +125°C................................30mW
Junction Temperature.............................................. +150°C
Storage Temperature................................ –65°C to +150°C
ESD Ratings (Note 3)
Human Body Model..................................................... 700V
Machine Model ............................................................ 100V
Soldering
Vapor Phase (60 sec.) .............................. +220°C +5⁄–0°C
Infrared (15 sec.) ......................................+235°C +5⁄–0°C
Operating Ratings (Note 2)
Power Supply Voltage, VDD......................... +2.7V to +5.5V
Ambient Temperature Range (TA) .............-55°C to +125°C
Package Thermal Resistance (θJA)
SOP .................................................................+152°C/W
MSOP ..............................................................+206°C/W
Electrical Characteristics
2.7V ≤ VDD ≤ 5.5; TA = +25°C, bold values indicate –55°C ≤ TA ≤ +125°C, Note 4; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
INT open, A2, A1, A0 = VDD or GND,
340
500
µA
CLK = DATA = high, normal mode
shutdown mode, CLK = 100kHz
2.5
µA
INT open, A2, A1, A0 = VDD or GND,
1
10
µA
CLK = DATA = high, shutdown mode
tPOR
Power-On Reset Time
VDD > VPOR
15
100
µs
VPOR
Power-On Reset Voltage
all registers reset to default values,
2.0
2.7
V
A/D conversions initiated
VHYST
Power-On Reset
Hysteresis Voltage
250
mV
Temperature-to-Digital Converter Characteristics
Accuracy—Local Temperature
0°C ≤ TA ≤ +100°C, INT open,
±1
±2
°C
Note 5, 6
3V ≤ VDD ≤ 3.6V
–55°C ≤ TA ≤ +125°C, INT open,
±2
±3
°C
3V ≤ VDD ≤ 3.6V
Accuracy—Remote Temperature
0°C ≤ TD ≤ +100°C, INT open,
±1
±3
°C
Note 5, 6, 7
3V ≤ VDD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
–55°C ≤ TD ≤ +125°C, INT open,
±2
±5
°C
3V ≤ VDD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
tCONV
Conversion Time,
Note 5
local temperature
100
160
ms
remote temperature
200
320
ms
Remote Temperature Input (T1)
IF
Current to External Diode
high level
224
400
µA
Note 5
low level
7.5
14
µA
Address Inputs (A2/T1, A1, A0)
VIL
Low Input Voltage
2.7V ≤ VDD ≤ 5.5V
0.6
V
VIH
High Input Voltage
2.7V ≤ VDD ≤ 5.5V
2.0
V
CIN
Input Capacitance
10
pF
ILEAK
Input Current
±0.01
±1
µA
IPD
Pulldown Current on A2/T1
A2 = VDD, flows for tPOR at power-up
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com