Electronic Components Datasheet Search
  English  ▼

X  

MIC862 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC862
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC862_06 Datasheet HTML 1Page - Micrel Semiconductor MIC862_06 Datasheet HTML 2Page - Micrel Semiconductor MIC862_06 Datasheet HTML 3Page - Micrel Semiconductor MIC862_06 Datasheet HTML 4Page - Micrel Semiconductor MIC862_06 Datasheet HTML 5Page - Micrel Semiconductor MIC862_06 Datasheet HTML 6Page - Micrel Semiconductor MIC862_06 Datasheet HTML 7Page - Micrel Semiconductor MIC862_06 Datasheet HTML 8Page - Micrel Semiconductor MIC862_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August 2006
5
MIC862
MIC862
Micrel
0
4
8
12
16
20
24
28
32
36
40
44
00
SUPPLY VOLTAGE(V)
Short Circuit Current
vs. Supply Voltage
Sinking
85C
25C
-40C
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
0
-
00
6
0
-
0
-
-12
-18
-24
-30
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
25C
-40C
85C
Sourcing
-4
0
0.135
0.27
0.405
0.54
0.675
0.81
0.945
1.08
1.215
1.35
1.485
0 1 2 3 4 5 6 7 8 9
00
10
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
Sourcing
25C
85C
-40C
-4
0
3
6
9
12
15
18
21
24
27
30
33
00
SUPPLY VOLTAGE (V)
Short Circuit Current
vs. Supply Voltage
-40C
25C
Sourcing
85C
-1.350
-1.215
-1.080
-0.945
-0.810
-0.675
-0.540
-0.405
-0.270
-0.135
0
0.135
0 1 2 3 4 5 6 7 8 9
-1.350
-1.350
10
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
Sinking
V = 1.35V
85C
25C
-40C
25
25
-4
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0
0.25
0
8
-2.50
-2.50
16
24
32
40
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
Sinking
V = 2.5V
25C
-40C
85C
-4
Typical Characteristics
0
5
10
15
20
25
30
35
40
45
50
55
00
SUPPLY VOLTAGE (V)
Supply Current
vs. Supply Voltage
85C
25C
-40C
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-0.1
-0.1
-20 0
20 40 60 80 100
TEMPERATURE (C)
Offset Voltage
vs. Temperature
V = 2.5V
V = 1.35V
35V
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
-2.5
-0.4
-0.4 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
-40C
85C
25C
V = 2.5V
0
0.5
1
1.5
2
2.5
-1.5
00
-1
-0.5
0
0.5
1
COMMON-MODE VOLTAGE (V)
Offset Voltage
vs. Common-Mode Voltage
-40C
85C
25C
V = 1.35V
0
5
10
15
20
25
30
35
-40
00
-20 0
20 40 60 80 100
TEMPERATURE(C)
Short Circuit Current
vs. Temperature
V = 1.35V
V = 2.5V
Sinking
0
5
10
15
20
25
30
-40
00
-20 0
20 40 60 80 100
TEMPERATURE (C)
Short Circuit Current
vs. Temperature
V = 1.35V
V = 2.5V
Sourcing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com