Electronic Components Datasheet Search
  English  ▼

X  

MIC862 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC862
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC862_06 Datasheet HTML 2Page - Micrel Semiconductor MIC862_06 Datasheet HTML 3Page - Micrel Semiconductor MIC862_06 Datasheet HTML 4Page - Micrel Semiconductor MIC862_06 Datasheet HTML 5Page - Micrel Semiconductor MIC862_06 Datasheet HTML 6Page - Micrel Semiconductor MIC862_06 Datasheet HTML 7Page - Micrel Semiconductor MIC862_06 Datasheet HTML 8Page - Micrel Semiconductor MIC862_06 Datasheet HTML 9Page - Micrel Semiconductor MIC862_06 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC862
Micrel
MIC862
6
August 2006
-25
-20
-15
-10
-5
0
5
10
15
20
25
FREQUENCY (Hz)
Gain Frequency Response
Av = 2
V = 1.35V
CL = 2pF
RL = 5k
RF = 20k
-225
-180
-135
-90
-45
0
45
90
135
180
225
10k
100k
1M
10M
-225
-180
-135
-25
-20
-15
-10
-5
0
5
10
15
20
25
FREQUENCY (Hz)
Gain Frequency Response
Av = 2
V = 2.5V
CL = 2pF
RL = 5k
RF = 20k
-225
-180
-135
-90
-45
0
45
90
135
180
225
10k
100k
1M
10M
-225
-180
-135
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Gain Bandwidth and
Phase Margin
Av = 11
V = 1.35V
CL = 2pF
RL = 1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
100k
10M
1M
-225
-180
-135
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
Unity Gain Frequency
Response
Av = 1
V = 2.5V
CL = 2pF
RL = 5k
-270
-225
-180
-135
-90
-45
0
45
90
135
180
1k
10k
100k
1M
10M
Phase
Gain
-270
-225
-180
-135
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Gain Bandwidth
and Phase Margin
Av = 11
V+ = +1.5V
V– = –0.5V
CL = 1.7pF
RL = 1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
10k
100k
1M
10M
-225
-180
-135
-60
-55
-50
-45
-40
-35
-30
10
100
1000
FREQUENCY (kHz)
Channel to
Channel Crosstalk
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
PSRR
vs. Frequency
1 10 100 1k 10k 100k1M 10M
V = 1.35V
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
PSRR
vs. Frequency
1 10 100 1k 10k 100k1M 10M
V = 2.5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
Unity Gain Frequency
Response
Av = 1
V = 1.35V
CL = 2pF
RL = 5k
-270
-225
-180
-135
-90
-45
0
45
90
135
180
1k
10k
100k
1M
10M
Phase
Gain
-270
-225
-180
-135
-50
-40
-30
-20
-10
0
10
20
30
40
50
FREQUENCY (Hz)
Gain Bandwidth and
Phase Margin
Av = 11
V = 2.5V
CL = 2pF
RL = 1M
-225
-180
-135
-90
-45
0
45
90
135
180
225
10k
100k
1M
10M
-225
-180
-135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com