Electronic Components Datasheet Search
  English  ▼

X  

MIC2095 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2095
Description  Current-Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2095 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2095 Datasheet HTML 1Page - Micrel Semiconductor MIC2095 Datasheet HTML 2Page - Micrel Semiconductor MIC2095 Datasheet HTML 3Page - Micrel Semiconductor MIC2095 Datasheet HTML 4Page - Micrel Semiconductor MIC2095 Datasheet HTML 5Page - Micrel Semiconductor MIC2095 Datasheet HTML 6Page - Micrel Semiconductor MIC2095 Datasheet HTML 7Page - Micrel Semiconductor MIC2095 Datasheet HTML 8Page - Micrel Semiconductor MIC2095 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MIC2095/MIC2097/MIC2098/MIC2099
Current-Limiting Power Distribution Switches
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2010
M9999-092010-C
General Description
The MIC2095/97/98/99 family of switches are self-
contained, current-limiting, high-side power switches, ideal
for power-control applications. These switches are useful
for general purpose power distribution applications such as
digital televisions (DTV), printers, set-top boxes (STB),
PCs, PDAs, and other peripheral devices.
The current limiting switches feature either a fixed
0.5A/0.9A or resistor programmable output current limit.
The family also has fault blanking to eliminate false noise-
induced, over current conditions. After an over-current
condition, these devices automatically restart if the enable
pin remains active. The MIC2097 switch offers a unique
new patented Kickstart feature, which allows momentary
high-current surges up to the secondary current limit
(ILIMIT_2nd). This is useful for charging loads with high inrush
currents, such as capacitors.
The MIC2095/97/98/99 family of switches provides under-
voltage, over-temperature shutdown, and output fault
status reporting. The family also provides either an active
low or active high, logic level enable pin.
The MIC2095/97/98/99 family is offered in a space saving
1.6mm x 1.6mm Thin MLF
® (TMLF) package.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• MIC2095: 0.5A fixed current limit
• MIC2098: 0.9A fixed current limit
• MIC2097/99: Resistor programmable current limit
– 0.1A to 1.1A
• MIC2097: Kickstart for high peak current loads
• Under voltage lock-out (UVLO)
• Soft start prevents large current inrush
• Automatic-on output after fault
• Thermal protection
• Enable active high or active low
• 170mΩ typical on-resistance @ 5V
• 2.5V – 5.5V operating range
Applications
• Digital televisions (DTV)
• Set top boxes
• PDAs
• Printers
• USB / IEEE 1394 power distribution
• Desktop and laptop PCs
• Game consoles
• USB keyboard
• Docking stations
_________________________________________________________________________________________________________________________
Typical Application
MIC2095 USB Power Switch


Similar Part No. - MIC2095

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2095-2YMT MICREL-MIC2095-2YMT Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
More results

Similar Description - MIC2095

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com