Electronic Components Datasheet Search
  English  ▼

X  

MIC2095 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2095
Description  Current-Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2095 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2095 Datasheet HTML 1Page - Micrel Semiconductor MIC2095 Datasheet HTML 2Page - Micrel Semiconductor MIC2095 Datasheet HTML 3Page - Micrel Semiconductor MIC2095 Datasheet HTML 4Page - Micrel Semiconductor MIC2095 Datasheet HTML 5Page - Micrel Semiconductor MIC2095 Datasheet HTML 6Page - Micrel Semiconductor MIC2095 Datasheet HTML 7Page - Micrel Semiconductor MIC2095 Datasheet HTML 8Page - Micrel Semiconductor MIC2095 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Micrel, Inc.
MIC2095/97/98/99
September 2010
4
M9999-092010-C
Absolute Maximum Ratings(1)
Supply Voltage (VIN)....................................... −0.3V to 6.0V
Output Voltage (VOUT) ....................................... −0.3V to VIN
FAULT Pin Voltage (VFAULT) .............................. −0.3V to VIN
ENABLE Pin Voltage (VENABLE).......................... −0.3V to VIN
ILIMIT Pin Voltage (VILIMIT) ................................ −0.3V to VIN
Power Dissipation (PD)..............................Internally Limited
Maximum Junction Temperature (TJ)......................... 150°C
Storage Temperature (Ts).........................
−65°C to +150°C
Lead Temperature (soldering, 10sec.)....................... 260°C
ESD HBM Rating (VOUT, GND)
(3) ................................. 4kV
ESD HBM Rating (FAULT, ENABLE, VIN)
(3) .................2kV
Operating Ratings(2)
Supply Voltage (VIN)......................................... 2.5V to 5.5V
ENABLE Pin Voltage (VENABLE) .............................. 0V to VIN
FAULT Pin Voltage (VFAULT) ................................... 0V to VIN
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance
(6)
1.6mm × 1.6mm TMLF (θJA)..............................93ºC/W
Electrical Characteristics(4)
VIN = 5V; CIN = 1µF TA = 25°C unless noted, bold values indicate –40°C≤ TA ≤ +85°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Input Supply
VIN
Input Voltage Range
2.5
5.5
V
Quiescent Supply Current
(5)
Switch = ON
Active Low Enable, VEN = 0V
Active High Enable, VEN = 1.5V
80
300
µA
Switch = OFF
Active Low Enable, VEN = 1.5V
8
15
µA
IIN
Shutdown Current
Switch = OFF
Active High Enable, VEN = 0.5V
0.1
5
µA
VIN Rising
2
2.25
2.5
V
VIN UVLO Threshold
VIN Falling
1.9
2.15
2.4
V
UVLOTHRESHOLD
VIN UVLO Hysteresis
100
mV
Enable Control
ENABLE Logic Level Low
(5)
VIL(MAX)
0.5
V
VEN
ENABLE Logic Level High
(5)
VIH(MIN)
1.5
V
IEN
ENABLE Bias Current
0V ≤ VEN ≤ 5V
0.1
5
µA
tON_DLY
Output Turn-on Delay
RL = 43Ω, CL = 120µF
VEN = 50% to VOUT = 10%
1000
1500
µs
tOFF_DLY
Output Turn-off Delay
RL = 43Ω, CL = 120µF
VEN = 50% to VOUT = 90%
700
µs
tRISE
Output Turn-on rise time
RL = 100Ω, CLOAD = 1µF
VOUT = 10% to 90%
500
1000
1500
µs
Thermal Protection
TJ Rising
145
°C
OTThreshold
Over-temperature Shutdown
TJ Falling
135
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com