Electronic Components Datasheet Search
  English  ▼

X  

MIC2098 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2098
Description  Current-Limiting Power Distribution Switches
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2098 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2098 Datasheet HTML 5Page - Micrel Semiconductor MIC2098 Datasheet HTML 6Page - Micrel Semiconductor MIC2098 Datasheet HTML 7Page - Micrel Semiconductor MIC2098 Datasheet HTML 8Page - Micrel Semiconductor MIC2098 Datasheet HTML 9Page - Micrel Semiconductor MIC2098 Datasheet HTML 10Page - Micrel Semiconductor MIC2098 Datasheet HTML 11Page - Micrel Semiconductor MIC2098 Datasheet HTML 12Page - Micrel Semiconductor MIC2098 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Micrel, Inc.
MIC2095/97/98/99
September 2010
9
M9999-092010-C
Typical Characteristics (Continued)
Kickstart Period vs. Temperature
MIC2097
0
20
40
60
80
100
120
140
160
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 3V
VIN = 5.0V
ILIMIT & ISET vs. RSET
MIC2097/MIC2099
VIN = 5V
Vo=4V
TA = 25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
300
600
900 1200 1500 1800 2100
RSET(Ω)
ILIMIT
ISET
VIN - VOUT (VIN = 5.0V)
vs. Output Current
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
VIN = 5V
85ºC
25ºC
-40ºC
VIN - VOUT (VIN = 3.0V)
vs. Output Current
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT (A)
85ºC
25ºC
-40ºC
VIN = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com