Electronic Components Datasheet Search
  English  ▼

X  

MIC2150 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2150
Description  2-Phase Dual Output PWM Synchronous Buck Control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2150 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2150 Datasheet HTML 9Page - Micrel Semiconductor MIC2150 Datasheet HTML 10Page - Micrel Semiconductor MIC2150 Datasheet HTML 11Page - Micrel Semiconductor MIC2150 Datasheet HTML 12Page - Micrel Semiconductor MIC2150 Datasheet HTML 13Page - Micrel Semiconductor MIC2150 Datasheet HTML 14Page - Micrel Semiconductor MIC2150 Datasheet HTML 15Page - Micrel Semiconductor MIC2150 Datasheet HTML 16Page - Micrel Semiconductor MIC2150 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Micrel, Inc.
MIC2150
August 2009
13
M9999-082809-A
(408) 944-0800
L
T
V
I
I
DLY
OUT
PK
SET
×
−
=
Rcs can now be calculated using:
min
CS
)
MAX
(
DSON
SET
CS
I
R
I
R
×
=
Where:
D = Duty Cycle
FS = Switching Frequency
L = Power inductor value
TDLY = Current limit blanking time ~ 100ns
ICS(min) = 180µA
Example
Consider a 12V to 3.3V @ 5A converter with 0.5µH
power inductor and 90% efficiency at full load.
%
31
9
.
0
V
12
V
3
.
3
Efficiency
V
V
D
IN
OUT
=
×
=
×
≈
A
11
.
9
µH
5
.
0
kHz
500
)
31
.
0
1
(
V
3
.
3
IRIPPLE
=
×
−
×
=
A
55
.
9
2
11
.
9
5
IPK
=
+
=
A
89
.
8
µH
5
.
0
ns
100
v
3
.
3
A
55
.
9
ISET
=
×
−
=
Ω
=
Ω
×
=
494
µA
180
m
10
89
.
8
RCS
Using the simple method here would result in a current
limit point much lower than expected.
This equation sets the minimum current limit point of the
converter, but maximum will depend on the actual
inductor value and RDSON of the MOSFET under current
limit conditions. This could be in the region of 50%
higher and should be considered to ensure that all the
power components are within their thermal limits unless
thermal protection is implemented separately.
It is recommended to connect a 22pF capacitor from CS
to AGND close to the pins of the IC to prevent adjacent
channel switching noise from affecting the current limit
behavior.
Over Voltage Protection
If the voltage at the FB pin is detected to be 15% higher
than nominal for >2µs, the channel is stopped from
switching immediately and latched off. Switching can be
re-started by taking EN below the channel’s enable
threshold and re-enabling or re-cycling power to the IC.
Power Good Output
The power good output (PG) will go high only when both
Channel outputs are above 90% of their nominal set
output voltage. If CH2 is disabled (EN<2V), then PG will
be low regardless of the state of CH1. If PG functionality
is required for CH1 only, FB2 can be driven externally
above 90% VREF to enable PG to operate on CH1 only.
Enable
Sometimes, at high currents, it is possible to see
relatively large ground current peaks. These, in turn, can
create voltage differentials between AGND points. In
order to prevent these from affecting the converter
operation, it is good practice to drive enable 0.5V higher
than its maximum threshold i.e., >2.8V for both
channels.
VDD Regulator
The internal regulator provides a regulated 5V for
supplying the analogue circuit power (AVDD) and the
MOSFET driver power from the input supply (VIN). While
this is designed to operate in dropout at input voltages
down to 3V, driver current will be limited while the VDD
regulator is in dropout. It is therefore recommended that
for VIN ranges 5V to 7V, MOSFET gate current should be
kept to less than 50mA.
The AVDD supply should be connected to VDD through an
RC filter to provide decoupling of the switching noise
generated by the MOSFET drivers taking large current
steps from the VDD regulator.
Gate Drivers
The MIC2150 is designed to drive both high-side and
low-side N-Channel MOSFETs to enable high switching
speeds and the lowest possible losses. The high-side
MOSFET driver is supplied by bootstrapping the
switching voltage at the Drain of the lower MOSFET to
VDD. This provides the high-side MOSFET with a
constant VGS drive voltage equal to VDD.
Figure 7. High-Side Gate Drive Circuit and Waveform
When HSD goes high, this turns on the high-side
MOSFET and the SW node rises sharply. This is
coupled through the bootstrap capacitor CBST and Diode
DBST becomes reverse biased. The MOSFET Gate is
held at VDD - 0.5V above the Source for as long as CBST
remains charged. The bias current of the high-side driver
is <10mA so 100nF is sufficient to hold the gate voltage
with minimal droop for the power stroke (High-side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com