Electronic Components Datasheet Search
  English  ▼

X  

MIC2150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2150
Description  2-Phase Dual Output PWM Synchronous Buck Control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2150 Datasheet HTML 1Page - Micrel Semiconductor MIC2150 Datasheet HTML 2Page - Micrel Semiconductor MIC2150 Datasheet HTML 3Page - Micrel Semiconductor MIC2150 Datasheet HTML 4Page - Micrel Semiconductor MIC2150 Datasheet HTML 5Page - Micrel Semiconductor MIC2150 Datasheet HTML 6Page - Micrel Semiconductor MIC2150 Datasheet HTML 7Page - Micrel Semiconductor MIC2150 Datasheet HTML 8Page - Micrel Semiconductor MIC2150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Micrel, Inc.
MIC2150
August 2009
2
M9999-082809-A
(408) 944-0800
Ordering Information
Part Number
Frequency
Voltage
Junction Temp.
Range
Lead Finish
Package
MIC2150YML
500kHz
Adj.
–40
°C to +125°C
Pb-Free
4mm×4mm 24-pin MLF
®
MIC2151YML
300kHz
Adj.
–40
°C to +125°C
Pb-Free
4mm×4mm 24-pin MLF
®
Pin Configuration
24-Pin MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
BS1
Boost 1(Input): Provides voltage for high-side MOSFET driver 1. The gate drive
voltage is higher than the source voltage by VDD minus a diode drop.
2
HSD1
High-Side Drive 1 (Output): High current output-driver for ext. high-side
MOSFET.
3
SW1
Switch Node 1(Output): High current output driver return for HSD1.
4
CS1
Current Sense 1 (Input): Current-limit comparator non-inverting input. The
current limit is sensed across the low-side FET during the ON-time. Current limit
is set by the resistor in series with the CS1 pin.
5
SS1
Soft-start, Output 1(Input): Controls the turn-on time of the output voltage. Active
at power-up, Enable and Current Limit recovery.
6
COMP1
Compensation 1 (Input): Pin for external compensation, Channel 1.
7
AGND
Analog Ground (Signal): Signal path return for FB, EN, PGOOD, AVDD, SS and
COMP.
8
FB1
Feedback 1 (Input): Input to Channel 1 error amplifier. Regulates to 0.7V.
9
AVDD
Analog Supply Voltage (Input): Connect ext. bypass capacitor.
10
FB2
Feedback 2 (Input): Input to Channel 2 error amplifier. Regulates to 0.7V.
11
PGOOD
Power Good (Output): Indicates Channel 1 output AND Channel 2 output > 90%
Nominal.
12
COMP2
Compensation 2 (Input): Pin for external compensation, Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com