Electronic Components Datasheet Search
  English  ▼

X  

F71869F Datasheet(PDF) 5 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 5 Page - Feature Integration Technology Inc.

  F71869F Datasheet HTML 1Page - Feature Integration Technology Inc. F71869F Datasheet HTML 2Page - Feature Integration Technology Inc. F71869F Datasheet HTML 3Page - Feature Integration Technology Inc. F71869F Datasheet HTML 4Page - Feature Integration Technology Inc. F71869F Datasheet HTML 5Page - Feature Integration Technology Inc. F71869F Datasheet HTML 6Page - Feature Integration Technology Inc. F71869F Datasheet HTML 7Page - Feature Integration Technology Inc. F71869F Datasheet HTML 8Page - Feature Integration Technology Inc. F71869F Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
4
F71869
1. General Description
The F71869 which is the featured IO chip for PC system is equipped with one IEEE 1284 Parallel Port,
two UART Ports, Hardware Keyboard Controller, SIR and one FDC. The F71869 integrates with
hardware monitor, 9 sets of voltage sensor, 3 sets of creative auto-controlling fans and 3 temperature
sensor pins for the accurate dual current type temperature measurement for CPU thermal diode or
external transistors 2N3906. Others, the F71869 supports newest AMD TSI and Intel PECI interfaces and
INTEL Ibex PEAK SMBus for temperature sensing and provides the power sequence controller function
for AMD platform
The F71869 provides flexible features for multi-directional application. For instance, supports 3-in/out
pins North Bridge Bit select controlling with offset implement., provides 45 GPIO pins (multi-pin), IRQ
sharing function also designed in UART feature for particular usage and accurate current mode H/W
monitor will be worth in measurement of temperature, provides 3 modes fan speed control mechanism
included Manual Mode/Stage Auto Mode/Linear Auto Mode for users’ selection.
These features as above description will help you more and improve product value. Finally, the
F71869 is powered by 3.3V voltage, with the LPC interface in the green package of 128-PQFP.
2. Feature
General Functions
Comply with LPC Spec. 1.0
Support DPM (Device Power Management), ACPI
Support AMD power sequence controller
3 In/Out Bit Select
Provides one FDC, two UARTs, Hardware KBC and Parallel Port
H/W monitor functions
Support AMD TSI Interface, Intel PECI interface, Intel Block Read/Write SMBus Interface
45 GPIO Pins for flexible application
24/48 MHz clock input
Packaged in 128-PQFP and powered by 3.3VCC
FDC
Compatible with IBM PC AT disk drive systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com