Electronic Components Datasheet Search
  English  ▼

X  

F71869F Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F71869F
Description  Super I/O Hardware Monitor
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71869F Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F71869F Datasheet HTML 5Page - Feature Integration Technology Inc. F71869F Datasheet HTML 6Page - Feature Integration Technology Inc. F71869F Datasheet HTML 7Page - Feature Integration Technology Inc. F71869F Datasheet HTML 8Page - Feature Integration Technology Inc. F71869F Datasheet HTML 9Page - Feature Integration Technology Inc. F71869F Datasheet HTML 10Page - Feature Integration Technology Inc. F71869F Datasheet HTML 11Page - Feature Integration Technology Inc. F71869F Datasheet HTML 12Page - Feature Integration Technology Inc. F71869F Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 116 page
background image
Fintek
Feature Integration Technology Inc.
2009
V1.1
8
F71869
4. Pin Description
I/O12t
I/O16t-u47k
- TTL level bi-directional pin with 12 mA source-sink cap ability.
- TTL level bi-directional pin with 16 mA source-sink cap ability. With internal 47k
pull-up.
I/OOD12t5v
I/OD16t5v
- TTL level bi-directional pin, can select to OD or OUT by register, with 12 mA
source-sink capability.
- TTL level bi-directional pin,Open-drain output with 16 mA source-sink capability, 5V
tolerance.
OD16-5v-u10k
I/OOD8st5v
I/OOD12st5v
I/OD14st5v
ILv/OD8-S1
ILv/OD12
O8t5v-u47k
- Open-drain output pin with 16 mA sink capability, pull-up 10k ohms, 5V tolerance.
- TTL level bi-directional pin and schmitt trigger, Open-drain output with 8 mA sink
capability, 5V tolerance.
- TTL level bi-directional pin and schmitt trigger, Open-drain output with 12 mA sink
capability, 5V tolerance.
- TTL level bi-directional pin and schmitt trigger, Open-drain output with 14 mA sink
capability, 5V tolerance.
- Low level bi-directional pin (VIH
0.9V, VIL
0.6V.). Output with 8mA drive and
1mA sink capability.
- Low level bi-directional pin (VIH
0.9V, VIL
0.6V.). Output with 12mA sink
capability.
- Open-drain pin with 8 mA source-sink capability, pull-up 47k ohms, 5V tolerance.
O8
O12
O16
- Output pin with
8 mA source-sink capability.
- Output pin with 12 mA source-sink capability.
- Output pin with 16 mA source-sink capability.
AOUT
- Output pin(Analog).
OD12
OD14-5v
OD12-5v
- Open-drain output pin with 12 mA sink capability.
- Open-drain output pin with 14 mA sink capability, 5V tolerance.
- Push-pull/open-drain output pin with 12 mA sink capability, 5V tolerance.
INt5v
INst-u47k
- TTL level input pin,5V tolerance.
- TTL level input pin and schmitt trigger. With internal pull-up 47k resistor.
INst5v
- TTL level input pin and schmitt trigger, 5V tolerance.
AIN
- Input pin(Analog).
P
- Power.
4.1
Power Pins
Pin No.
Pin Name
Type
Description
4,37
VCC
P
Power supply voltage input with 3.3V
68
VSB
P
Stand-by power supply voltage input 3.3V
99
VDDA
P
Stand-by power supply voltage input 3.3V
86
VBAT
P
Battery voltage input
88
AGND(D-)
P
Analog GND
20, 48, 73, 117
GND
P
Digital GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com