Electronic Components Datasheet Search
  English  ▼

X  

MIC2198BML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2198BML Datasheet HTML 3Page - Micrel Semiconductor MIC2198BML Datasheet HTML 4Page - Micrel Semiconductor MIC2198BML Datasheet HTML 5Page - Micrel Semiconductor MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor MIC2198BML Datasheet HTML 10Page - Micrel Semiconductor MIC2198BML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
October 2005
7
MIC2198
MIC2198
Micrel, Inc.
Current Limit
The MIC2198 output current is detected by the voltage drop
across the external current-sense resistor (RCS in Figure
2.). The current limit threshold is 75mV±25mV. The current-
sense resistor must be sized using the minimum current
limit threshold. The external components must be designed
to withstand the maximum current limit. The current-sense
resistor value is calculated by the equation below:
R
55mV
I
CS
OUT(max)
=
The maximum output current is:
I
95mV
R
OUT(max)
CS
=
The current-sense pins CSH (pin 4) and VOUT (pin 5) are
noise sensitive due to the low signal level and high input im-
pedance. The PCB traces should be short and routed close
to each other. A small (1nF to 0.1µF) capacitor across the
pins will attenuate high frequency switching noise.
When the peak inductor current exceeds the current limit
threshold, the current limit comparator, in Figure 2, turns off
the high-side MOSFET for the remainder of the cycle. The
output voltage drops as additional load current is pulled from
theconverter.Whentheoutputvoltagereachesapproximately
0.4V, the circuit enters frequency-foldback mode and the
oscillator frequency will drop to 125kHz while maintaining the
peak inductor current equal to the nominal 75mV across the
externalcurrent-senseresistor.Thislimitsthemaximumoutput
power delivered to the load under a short circuit condition.
Reference, Enable and UVLO Circuits
The output drivers are enabled when the following conditions
are satisfied:
• The VDD voltage (pin 7) is greater than its under-
voltage threshold (typically 4.25V).
• The voltage on the enable pin is greater than the
enable UVLO threshold (typically 2.5V).
The internal bias circuit generates a 0.8V bandgap reference
voltage for the voltage error amplifier and a 5V VDD voltage
for the gate drive circuit. The MIC2198 uses FB (pin 3) for
output voltage sensing.
The enable pin (pin 2) has two threshold levels, allowing
the MIC2198 to shut down in a low current mode, or turn off
output switching in UVLO mode. An enable pin voltage lower
than the shutdown threshold turns off all the internal circuitry
and reduces the input current to typically 0.1µA.
If the enable pin voltage is between the shutdown and UVLO
thresholds, the internal bias, VDD,andreferencevoltagesare
turned on. The output drivers are inhibited from switching and
remain in a low state. Raising the enable voltage above the
UVLO threshold of 2.5V enables the output drivers.
Either of two UVLO conditions will disable the MIC2198 from
switching.
• When the VDD drops below 4.1V
• When the enable pin drops below the 2.5V threshold
MOSFET Gate Drive
The MIC2198 high-side drive circuit is designed to switch
an N-Channel MOSFET. Referring to the block diagram in
Figure 2, a bootstrap circuit, consisting of D2 and CBST, sup-
plies energy to the high-side drive circuit. Capacitor CBST is
charged while the low-side MOSFET is on and the voltage on
the VSW pin (pin 11) is approximately 0V. When the high-side
MOSFET driver is turned on, energy from CBST is used to
turn the MOSFET on. As the MOSFET turns on, the voltage
on the VSW pin increases to approximately VIN. Diode D2
is reversed biased and CBST floats high while continuing to
keep the high-side MOSFET on. When the low-side switch
is turned back on, CBST is recharged through D2.
The drive voltage is derived from the internal 5V VDD bias
supply. The nominal low-side gate drive voltage is 5V and
the nominal high-side gate drive voltage is approximately
4.5V due the voltage drop across D2. A fixed 80ns delay
between the high- and low-side driver transitions is used
to prevent current from simultaneously flowing unimpeded
through both MOSFETs.
Oscillator
The internal oscillator is free running and requires no external
components. The nominal oscillator frequency is 500kHz. If
the output voltage is below approximately 0.4V, the oscillator
operates in a frequency-foldback mode and the switching
frequency is reduced to 125kHz.
TIME
VIN = 7V
fS = 125kHz
VOUT = 0.4V
fS = 500kHz
VOUT = 3.3V
Figure 4. Startup Waveform
Above 0.4V, the switching frequency increases to 500kHz
causing the output voltage to rise a greater rate. The rise
time of the output is dependent on the output capacitance,
output voltage, and load current. The oscilloscope photo in
Figure 4 show the output voltage at startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com