Electronic Components Datasheet Search
  English  ▼

X  

MIC2198BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2198BML
Description  500kHz 4mm 횞 4mm Synchronous Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2198BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2198BML Datasheet HTML 6Page - Micrel Semiconductor MIC2198BML Datasheet HTML 7Page - Micrel Semiconductor MIC2198BML Datasheet HTML 8Page - Micrel Semiconductor MIC2198BML Datasheet HTML 9Page - Micrel Semiconductor MIC2198BML Datasheet HTML 10Page - Micrel Semiconductor MIC2198BML Datasheet HTML 11Page - Micrel Semiconductor MIC2198BML Datasheet HTML 12Page - Micrel Semiconductor MIC2198BML Datasheet HTML 13Page - Micrel Semiconductor MIC2198BML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MIC2198
Micrel, Inc.
MIC2198
10
October 2005
where:
IG[high-side](avg) =
average high-side MOSFET gate current.
QG = total gate charge for the high-side MOSFET
taken from manufacturer’s data sheet
with VGS = 5V.
fs = 500kHz
The low-side MOSFETis turned on and off at VDS=0because
the freewheeling diode is conducting during this time. The
switching losses for the low-side MOSFET is usually negli-
gible. Also, the gate drive current for the low-side MOSFET
is more accurately calculated using CISS at VDS = 0 instead
of gate charge.
For the low-side MOSFET:
I
C
V
f
G[low-side](avg)
ISS
GS
S
=
×
×
Since the current from the gate drive comes from the input
voltage, the power dissipated in the MIC2198 due to gate
drive is:
P
V I
I
GATEDRIVE
IN G[high-side](avg)
G[low-side](avg)
=
+
(
)
A convenient figure of merit for switching MOSFETs is the
on-resistance times the total gate charge (RDS(on) × QG).
Lower numbers translate into higher efficiency. Low gate-
charge logic-level MOSFETs are a good choice for use with
the MIC2198. Power dissipation in the MIC2198 package
limits the maximum gate drive current.
Parameters that are important to MOSFET switch selection
are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage rating of the MOSFETs are essentially equal to
the input voltage. A safety factor of 20% should be added to
the VDS(max) of the MOSFETs to account for voltage spikes
due to circuit parasitics.
The power dissipated in the switching transistor is the sum
of the conduction losses during the on-time (PCONDUCTION)
and the switching losses that occur during the period of time
when the MOSFETs turn on and off (PAC).
P
P
P
SW
CONDUCTION
AC
=
+
where:
P
I
R
CONDUCTION
SW(rms)
SW
2
=
×
P
P
P
AC
AC(off)
AC(on)
=
+
RSW = on-resistance of the MOSFET switch.
Makingtheassumptiontheturn-onandturnofftransitiontimes
are equal, the transition time can be approximated by:
t
C
V
C
V
I
T
ISS
GS
OSS
IN
G
=
×
+
×
where:
CISS and COSS are measured at VDS = 0.
IG = gate drive current (1A for the MIC2198)
The total high-side MOSFET switching loss is:
PAC = (VIN + VD) × IPK × tT ×fS
where:
tT = switching transition time (typically 20ns to 50ns).
VD = freewheeling diode drop, typically 0.5V.
fS it the switching frequency, nominally 500kHz
The low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
RMS Current and MOSFET Power Dissipation
Calculation
Under normal operation, the high-side MOSFETs RMS cur-
rent is greatest when VIN is low (maximum duty cycle). The
low-side MOSFETs RMS current is greatest when VIN is high
(minimum duty cycle). However, the maximum stress the
MOSFETs see occurs during short circuit conditions, where
the output current is equal to IOVERCURRENT(max). (See the
“Sense Resistor” section). The calculations below are for
normal operation. To calculate the stress under short circuit
conditions, substitute IOVERCURRENT(max) for IOUT(max). Use
the formula below to calculate D under short circuit condi-
tions.
D
0.063 1.8 10
V
SHORTCIRCUIT
3
IN
=
−
×
×
−
The RMS value of the high-side switch current is:
I
D I
I
12
SW(high side)(rms)
OUT(max)
2
PP
2
−
=
×
+
I
1 D I
I
12
SW(low side)(rms)
OUT(max)
2
PP
2
−
=
−
(
)
+
where:
D = duty cycle of the converter
D
V
V
OUT
IN
=
×
η
η
= efficiency of the converter.
Converter efficiency depends on component parameters,
which have not yet been selected. For design purposes, an
efficiency of 90% can be used for VIN less than 10V and 85%
can be used for VIN greater than 10V. The efficiency can be
more accurately calculated once the design is complete. If the
assumed efficiency is grossly inaccurate, a second iteration
through the design procedure can be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com