Electronic Components Datasheet Search
  English  ▼

X  

MIC2202BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2202BML
Description  High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2202BML Datasheet HTML 5Page - Micrel Semiconductor MIC2202BML Datasheet HTML 6Page - Micrel Semiconductor MIC2202BML Datasheet HTML 7Page - Micrel Semiconductor MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor MIC2202BML Datasheet HTML 10Page - Micrel Semiconductor MIC2202BML Datasheet HTML 11Page - Micrel Semiconductor MIC2202BML Datasheet HTML 12Page - Micrel Semiconductor MIC2202BML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC2202
March 2007
9
M9999-031907
PWM control provides fixed frequency operation. By
maintaining a constant switching frequency, predictable
fundamental and harmonic frequencies are achieved.
Other methods of regulation, such as burst and skip
modes, have frequency spectrums that change with load
that can interfere with sensitive communication equip-
ment.
Synchronization
Sync_In allows the user to change the frequency from
2MHz up to 2.5MHz or down to 1.6MHz. This allows the
ability to control the fundamental frequency and all the
resultant harmonics. Maintaining a predictable frequency
creates the ability to either shift the harmonics away
from sensitive carrier and IF frequency bands or to
accurately filter out specific harmonic frequencies.
The Sync_Out function pin allows for the ability to be
able to sync up multiple MIC2202s in a “daisy-chain”,
connecting Sync_Out to Sync_In of the other MIC2202.
Synchronizing multiple MIC2202s benefits much in the
same way as syncing up one MIC2202. All regulators
will run at the same fundamental frequency, resulting in
matched harmonic frequencies, simplifying designing for
sensitive communication equipment.
SYNC_IN
VIN
MIC2202
“Master”
SYNC_OUT
SW
BIAS
FB
SYNC_IN
VIN
MIC2202
“Slave”
SYNC_OUT
SW
BIAS
FB
Figure 4. Master-Slave Operation
Figure 5. Master-Slave Synchronization Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com