Electronic Components Datasheet Search
  English  ▼

X  

MIC2202BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2202BML
Description  High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2202BML Datasheet HTML 1Page - Micrel Semiconductor MIC2202BML Datasheet HTML 2Page - Micrel Semiconductor MIC2202BML Datasheet HTML 3Page - Micrel Semiconductor MIC2202BML Datasheet HTML 4Page - Micrel Semiconductor MIC2202BML Datasheet HTML 5Page - Micrel Semiconductor MIC2202BML Datasheet HTML 6Page - Micrel Semiconductor MIC2202BML Datasheet HTML 7Page - Micrel Semiconductor MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC2202
High Efficiency 2MHz Synchronous Buck
Converter 1µF Stable PWM Regulator
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2007
1
M9999-031907
General Description
The Micrel MIC2202 is a high efficiency 2MHz PWM
synchronous buck regulator. The fast 2MHz operation
along with a proprietary compensation scheme allows the
smallest possible external components. The MIC2202 can
operate with a 1µF ceramic output capacitor and a small,
low DC-resistance, 2.2µH inductor, reducing system size
and cost while allowing a high level of efficiency.
The MIC2202 operates from 2.3V to 5.5V input and
features internal power MOSFETs that can supply over
600mA of output current with output voltages down to
0.5V. The MIC2202 implements a constant 2MHz pulse-
width-modu-lation (PWM) control scheme which reduces
noise in sensitive RF, audio, and communications
applications.
Additionally,
the
MIC2202
can
be
synchronized to an external clock, or multiple MIC2202s
can easily be daisy-chained with the SYNCLOCK feature.
The MIC2202 has a high bandwidth loop (up to 500kHz)
which allows ultra fast transient response times. This is
very useful when powering applications that require fast
dynamic response such as CPU cores and RF circuitry in
high performance cellular phones and PDAs. The
MIC2202 is available in 10-pin MSOP and 10-pin 3mm ×
3mm MLF
® package options with an operating junction
temperature range from –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.3V to 5.5V
• Output down to 0.5V/600mA
• 2MHz PWM operation
• Stable with 1µF ceramic output capacitor.
• Ultra-fast transient response (up to 500kHz GBW)
• Internal compensation
• All ceramic capacitors
• >95% efficiency
• Fully integrated MOSFET switches
• Easily synchronized to external clock
• SYNCLOCK feature to daisy chain multiple 2202s
• Requires only 4 external components
• 1% line and load regulation
• Logic controlled micropower shutdown
• Thermal shutdown and current limit protection
• 10-pin MSOP and 10-pin 3mm×3mm MLF® package
options
• –40°C to +125°C junction temperature range
Applications
• Cellular phones
• PDAs
• 802.11 WLAN power supplies
• FPGA/ASIC power supplies
• Dynamically adjustable power supply for CDMA/W-
CDMA RF power amps
• DSL modems
• Tape drives
___________________________________________________________________________________________________________
Typical Application
10nF
2.2µH
VOUT
3.3V
600mA
VIN
2.3V to 5.5V
1µF
10k
1.78k
EN
6
5
1
SYNC_IN
SYNC_OUT
10
9
8
7
2
3
4
Adjustable Output Synchronous Buck Regulator
60
65
70
75
80
85
90
95
100
0
0.1 0.2
0.3 0.4 0.5 0.6
OUTPUT CURRENT (A)
Efficiency 3.3VOUT
5V
IN
4.2V
IN
L = 2.2µH
C
OUT =1µF


Similar Part No. - MIC2202BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2202BML MICREL-MIC2202BML Datasheet
182Kb / 18P
HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
More results

Similar Description - MIC2202BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2202 MICREL-MIC2202 Datasheet
182Kb / 18P
HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
3mmx3mm 2MHz 3A PWM Buck Regulator
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com