Electronic Components Datasheet Search
  English  ▼

X  

MIC2288BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2288BML
Description  1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288BML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2288BML Datasheet HTML 3Page - Micrel Semiconductor MIC2288BML Datasheet HTML 4Page - Micrel Semiconductor MIC2288BML Datasheet HTML 5Page - Micrel Semiconductor MIC2288BML Datasheet HTML 6Page - Micrel Semiconductor MIC2288BML Datasheet HTML 7Page - Micrel Semiconductor MIC2288BML Datasheet HTML 8Page - Micrel Semiconductor MIC2288BML Datasheet HTML 9Page - Micrel Semiconductor MIC2288BML Datasheet HTML 10Page - Micrel Semiconductor MIC2288BML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
April 2005
9
M9999-042205
MIC2288
Micrel, Inc.
Application Circuits
L1
4.7
µH
C2
22
µF
6.3V
R2
1.87k
R1
5.62k
MIC2288BML
VIN
VIN
3V to 4.2V
VOUT
5V @ 400mA
EN
SW
FB
GND
GND
OVP
GND
C1
4.7
µF
6.3V
D1
C1
4.7µF, 6.3V, 0805 X5R Ceramic Capacitor
08056D475MAT
AVX
C2
22µF, 6.3V, 0805 X5R Ceramic Capacitor
12066D226MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
4.7µH, 650mA Inductor
LQH32CN4R7M11
Murata
Figure 3. 3.3V
IN to 5VOUT @ 400mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
31.6k
MIC2288BML
VIN
VIN
3V to 4.2V
VOUT
9V @ 180mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 4. 3.3V
IN – 4.2VIN to 9VOUT @ 180mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
42.3k
MIC2288BML
VIN
VIN
3V to 4.2V
VOUT
12V @ 100mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 5. 3.3V
IN – 4.2VIN to 12VOUT @ 100mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
54.9k
MIC2288BML
VIN
VIN
3V to 4.2V
VOUT
15V @ 100mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 6. 3.3V
IN – 4.2VIN to 15VOUT @ 100mA
L1
10
µH
C2
4.7
µF
25V
R2
1k
R1
18.2k
MIC2288BML
VIN
VIN
3V to 4.2V
VOUT
24V @ 50mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
4.7µF, 25V, 1206 X5R Ceramic Capacitor
12063D475MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 7. 3.3V
IN – 4.2VIN to 24VOUT @ 50mA
L1
10
µH
C2
10
µF
16V
R2
5k
R1
31.6k
MIC2288BML
VIN
VIN
5V
VOUT
9V @ 330mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 8. 5V
IN to 9VOUT @ 330mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com