Electronic Components Datasheet Search
  English  ▼

X  

MIC2288BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2288BML
Description  1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2288BML Datasheet HTML 1Page - Micrel Semiconductor MIC2288BML Datasheet HTML 2Page - Micrel Semiconductor MIC2288BML Datasheet HTML 3Page - Micrel Semiconductor MIC2288BML Datasheet HTML 4Page - Micrel Semiconductor MIC2288BML Datasheet HTML 5Page - Micrel Semiconductor MIC2288BML Datasheet HTML 6Page - Micrel Semiconductor MIC2288BML Datasheet HTML 7Page - Micrel Semiconductor MIC2288BML Datasheet HTML 8Page - Micrel Semiconductor MIC2288BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
April 2005
3
M9999-042205
MIC2288
Micrel, Inc.
Absolute Maximum Ratings(1)
Supply Voltage (V
IN) ..................................................... 12V
Switch Voltage (V
SW) ..................................... –0.3V to 34V
Enable Pin Voltage (V
EN) ................................... –0.3 to VIN
FB Voltage (V
FB) ............................................................. 6V
Switch Current (I
SW) ....................................................... 2A
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating(3) ................................................................ 2kV
Operating Ratings(2)
Supply Voltage (V
IN) ........................................ 2.5V to 10V
Junction Temperature Range (T
J) ........... –40°C to +125°C
Package Thermal Impedance
2mm × 2mm MLF™-8 (θJA) ................................. 93°C/W
Thin SOT-23-5 (θJA) .......................................... 256°C/W
Electrical Characteristics(4)
T
A = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 20mA, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤ ±125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Supply Voltage Range
2.5
10
V
V
UVLO
Under Voltage Lockout
1.8
2.1
2.4
V
I
VIN
Quiescent Current
V
FB = 2V, (not switching)
2.8
5
mA
I
SD
Shutdown Current
V
EN = 0V
(5)
0.1
1
µA
V
FB
Feedback Voltage
(±1%)
1.227
1.24
1.252
V
(±2%) (Over Temp)
1.215
1.265
V
I
FB
Feedback Input Current
V
FB = 1.24V
–450
nA
Line Regulation
3V ≤ VIN ≤ 5V
0.1
1
%
Load Regulation
5mA ≤ IOUT ≤ 40mA
0.2
%
D
MAX
Maximum Duty Cycle
85
90
%
I
SW
Switch Current Limit
1.2
A
V
SW
Switch Saturation Voltage
I
SW = 1A
550
mV
I
SW
Switch Leakage Current
V
EN = 0V, VSW = 10V
0.01
5
µA
V
EN
Enable Threshold
Turn on
1.5
V
Turn off
0.4
V
I
EN
Enable Pin Current
V
EN = 10V
20
40
µA
f
SW
Oscillator Frequency
1.05
1.2
1.35
MHz
V
OVP
Output Overvoltage Protection
MIC2288 MLF™ package option only
30
32
34
V
T
J
Overtemperature
150
°C
Threshold Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max),
the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating rating.
3. IC devices are inherently ESD sensitive. Handling precautions required. Human body model rating: 1.5K in series with 100pF.
4. Specification for packaged product only.
5. I
SD = IVIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com