Electronic Components Datasheet Search
  English  ▼

X  

MIC2544 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2544 Datasheet HTML 1Page - Micrel Semiconductor MIC2544 Datasheet HTML 2Page - Micrel Semiconductor MIC2544 Datasheet HTML 3Page - Micrel Semiconductor MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2544/2548
April 2010
3
M9999-043010
Pin Configuration
8-pin SOIC (M)
8-Pin MSOP (MM)
Note: Pins 4 and 5 for SOIC and MSOP are different.
Pin Description
Pin Number
MSOP-8
Pin Number
SOIC-9
Pin Name
Pin Function
1
1
EN
Enable (Input): Logic-compatible enable input. Active-high (-1) or active-
low (-2). High input >1.7V typical; low input <1.5V typical. Do not float.
MIC2548 only: Also resets thermal shutdown latch.
2
2
FLG
Fault Flag (Output): Active-low, open-drain output. Indicates overcurrent
or thermal shutdown conditions. MIC2548 only: latched low on thermal
shutdown.
3
3
GND
Ground.
5
4
ILIM
Current Limit: Sets current-limit threshold using an external resistor, RSET
1
connected to ground. 154
Ω < RSET < 2.29kΩ.
7
7
IN
Input: Output MOSFET drain. Also powers internal circuitry.
6,8
6,8
OUT
Switch (Output): Output MOSFET source. Pins 6 and 8 must be externally
connected.
4
5
NC
Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com