Electronic Components Datasheet Search
  English  ▼

X  

MIC2544 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2544
Description  Programmable Current Limit High-Side Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2544 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2544 Datasheet HTML 1Page - Micrel Semiconductor MIC2544 Datasheet HTML 2Page - Micrel Semiconductor MIC2544 Datasheet HTML 3Page - Micrel Semiconductor MIC2544 Datasheet HTML 4Page - Micrel Semiconductor MIC2544 Datasheet HTML 5Page - Micrel Semiconductor MIC2544 Datasheet HTML 6Page - Micrel Semiconductor MIC2544 Datasheet HTML 7Page - Micrel Semiconductor MIC2544 Datasheet HTML 8Page - Micrel Semiconductor MIC2544 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC2544/2548
April 2010
4
M9999-043010
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)....................................................+7.0V
Output Voltage (VOUT) .................................................+7.0V
Output Current (IOUT) .................................Internally Limited
Enable Input (VEN) .................................. –0.3V to VIN+0.3V
Fault Flag Voltage (VFLG).............................................+7.0V
Fault Flag Current (IFLG) ..............................................50mA
Storage Temperature (Ts) .........................–65°C to +150°C
Junction Temperature (TJ) ........................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Current Limit Set Range................................... 0.1A to 1.5A
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
SOIC (
θJA)........................................................160°C/W
MSOP (
θJA) ......................................................206°C/W
Electrical Characteristics
VIN = +5V; TA = 25°C, bold values indicate –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Switch off, OUT = open
(4)
#
0.75
5
μA
Supply Current
Switch on, OUT = open
(4)
75
160
μA
Enable high
(4)
2.4
1.7
V
VEN
Enable Input Voltage
Enable low
(1)
1.5
0.8
V
Enable Input Capacitance
Note 5
1
pF
RDS(on)
Switch Resistance
IOUT = 500mA
80
120
m
Ω
IOUT = 100mA to 1A, VOUT=1V to 4V
(6)
184
230
276
V
Current Limit Factor
IOUT = 500mA to 1.5A, VOUT=1V to 4V
(6)
161
230
299
V
Output Leakage Current
Switch off
1
10
μA
tON
Output Turn-On Delay
RL = 10Ω, CL = 1μF, Figures 1a, 1b
1
2
5
ms
TR
Output Turn-On Rise Time
RL = 10Ω, CL = 1μF, Figures 1a, 1b
1
2
5
ms
TOFF
Output Turn-Off Delay
RL = 10Ω, CL = 1μF, Figures 1a, 1b
22
μs
TF
Output Turn-Off Fall Time
RL = 10Ω, CL = 1μF, Figures 1a, 1b
21
μs
TJ increasing
140
°C
Overtemperature Threshold Shutdown
TJ decreasing
130
°C
VIN = 5V, IL = 10μA
4
15
Ω
Error Flag Output Resistance
VIN = 3.3V, IL = 10μA
5
20
Ω
Error Flag Off Current
VFLG = 5V
0.01
1
μA
EN Pulse Reset Width
MIC2548 thermal shutdown latch
5
μs
VIN to EN Set-Up
MIC2548
(6)
0
μs
Current-Limit Response Time
VOUT = 0V
(6)
25
μs
Overcurrent Flag Response Time
VOUT = VIN/2 to FLG low
5
μs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Off is
≤0.8V and on is ≥2.4V for the MIC2544-1 and MIC2548-1. Off is ≥2.4V and on is ≤0.8V for the MIC2544-2 and MIC2548-2. The enable input
has about 200mV of hysteresis.
5. Guaranteed by design but not production tested.
6. Current limit threshold is determined by ILIMIT =
, where RSET is in ohms.
230V
RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com