Electronic Components Datasheet Search
  English  ▼

X  

MIC2546 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2546
Description  Dual Programable Current Limit Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2546 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2546 Datasheet HTML 7Page - Micrel Semiconductor MIC2546 Datasheet HTML 8Page - Micrel Semiconductor MIC2546 Datasheet HTML 9Page - Micrel Semiconductor MIC2546 Datasheet HTML 10Page - Micrel Semiconductor MIC2546 Datasheet HTML 11Page - Micrel Semiconductor MIC2546 Datasheet HTML 12Page - Micrel Semiconductor MIC2546 Datasheet HTML 13Page - Micrel Semiconductor MIC2546 Datasheet HTML 14Page - Micrel Semiconductor MIC2546 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC2546/2547
January 2008
13
M9999-012508-A
Application Information
Supply Filtering
A 0.1μF to 1μF bypass capacitor from INX to GND,
located near the MIC2546 and MIC2547, is strongly
recommended to control supply transients. Without a
bypass capacitor, an output short may cause sufficient
ringing on the input (from supply lead inductance) to
damage internal control circuitry.
Input transients must not exceed the absolute maximum
supply voltage (VIN max = 6V) even for a short duration.
Supply Bypassing
Power Dissipation
The device's junction temperature depends on several
factors such as the load, PCB layout, ambient
temperature and package type. Equations that can be
used to calculate power dissipation and junction
temperature are found below.
Calculation of power dissipation can be accomplished by
the following equation:
PD = RDS(ON) × (IOUT)
2
To relate this to junction temperature, the following
equation can be used:
TJ = PD × θJA + TA
where:
TJ = junction temperature
TA = ambient temperature
θJA = is the thermal resistance of the package
Transient Overcurrent Filter
The inrush current from the connection of a heavy
capacitive load may cause the fault flag to fall for 10μs to
200μs while the switch is in a constant-current mode,
charging the capacitance.
Adding an optional series resistor-capacitor (RSET2) in
parallel with RSET, as shown in Figure 3, allows the
transient current-limit to be set to a different value than
steady state. A typical USB hot-plug inrush is 2A to 3A
for 10μs to 20μs. If RSET is 435Ω (510mA), an RSET2 of
88Ω (2.5A) and CSET of μF (RC = 100μs) allows transient
surge of 3A to pass for 100μs without tripping the
overcurrent flag (FLG).
USB Power Distribution
The MIC2546 is ideal for meeting USB power distribution
requirements. Figure 3 depicts a USB Host application.
RSET should be set to a value providing a current-limit
>500mA. The accurate current-limit of the MIC2546 will
reduce power supply current requirements. Also, fast
reaction to short circuit faults prevent voltage droop in
mobile PC applications.
Printed Circuit Board Hot-Plug
The MIC2546/47 are ideal inrush current-limiters suitable
for hot-plug applications. Due to the integrated charge
pump, the MIC2546/47 presents a high impedance when
off and slowly becomes a low impedance as it turns on.
This “softstart” feature effectively isolates power supplies
from highly capacitive loads by reducing inrush current
during hot-plug events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com