Electronic Components Datasheet Search
  English  ▼

X  

MIC2546 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2546
Description  Dual Programable Current Limit Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2546 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2546 Datasheet HTML 1Page - Micrel Semiconductor MIC2546 Datasheet HTML 2Page - Micrel Semiconductor MIC2546 Datasheet HTML 3Page - Micrel Semiconductor MIC2546 Datasheet HTML 4Page - Micrel Semiconductor MIC2546 Datasheet HTML 5Page - Micrel Semiconductor MIC2546 Datasheet HTML 6Page - Micrel Semiconductor MIC2546 Datasheet HTML 7Page - Micrel Semiconductor MIC2546 Datasheet HTML 8Page - Micrel Semiconductor MIC2546 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC2546/2547
January 2008
2
M9999-012508-A
Ordering Information
Part Number
Standard
Pb-Free
Enable
Latch
(1)
Junction Temp. Range
(1)
Package
MIC2546-1BM
MIC2546-1YM
Active High
–40° to +85°C
16-pin SOP
MIC2546-1BTS
MIC2546-1YTS
Active High
–40° to +85°C
16-pin TSSOP
MIC2546-2BM
MIC2546-2YM
Active Low
–40° to +85°C
16-pin SOP
MIC2546-2BTS
MIC2546-2YTS
Active Low
–40° to +85°C
16-pin TSSOP
MIC2547-1BM
MIC2547-1YM
Active High
•
–40° to +85°C
16-pin SOP
MIC2547-1BTS
MIC2547-1YTS
Active High
•
–40° to +85°C
16-pin TSSOP
MIC2547-2BM
MIC2547-2YM
Active Low
•
–40° to +85°C
16-pin SOP
MIC2547-2BTS
MIC2547-2YTS
Active Low
•
–40° to +85°C
16-pin TSSOP
Note:
1. Thermal Shutdown Latch.
Pin Configuration
LOGIC,
CHARGE
PUMP
(OUTA)
(INA)
(ENA)
(FLGA)
MIC2546/2547
(ILIMA)
LOGIC,
CHARGE
PUMP
(OUTB)
(INB)
(ENB)
(FLGB)
(ILIMB) (GND)
Function Pinout
16-Pin SOP (M)
16-Pin TSSOP (TS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com