Electronic Components Datasheet Search
  English  ▼

X  

MIC2950 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2950
Description  150mA Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2950 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2950 Datasheet HTML 1Page - Micrel Semiconductor MIC2950 Datasheet HTML 2Page - Micrel Semiconductor MIC2950 Datasheet HTML 3Page - Micrel Semiconductor MIC2950 Datasheet HTML 4Page - Micrel Semiconductor MIC2950 Datasheet HTML 5Page - Micrel Semiconductor MIC2950 Datasheet HTML 6Page - Micrel Semiconductor MIC2950 Datasheet HTML 7Page - Micrel Semiconductor MIC2950 Datasheet HTML 8Page - Micrel Semiconductor MIC2950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel, Inc.
MIC2950/2951
February 2010
2
M9999-021610
The MIC2950 is available as either an -05 or -06 version.
The -05 and -06 versions are guaranteed for junction
temperatures from –40°C to +125°C; the -05 version has
a tighter output and reference voltage specification
range over temperature. The MIC2951 is available as an
-02 or -03 version.
The MIC2950 and MIC2951 have a tight initial tolerance
(0.5% typical), a very low output voltage temperature
coefficient which allows use as a low-power voltage
reference, and extremely good load and line regulation
(0.04% typical). This greatly reduces the error in the
overall circuit, and is the result of careful design
techniques and process control.
___________________________________________________________________________________________________________
Ordering Information
Part Number
Voltage
Accuracy
Junction
Temperature Range
Package
Lead Finish
MIC2950-05BZ*
5.0V
0.5%
–40° to +125°C
3-Pin TO-92
Standard
MIC2950-06BZ*
5.0V
1.0%
–40° to +125°C
3-Pin TO-92
Standard
MIC2951-02BM
5.0V
0.5%
–40° to +125°C
8-Pin SOIC
Standard
MIC2951-03BM
5.0V
1.0%
–40° to +125°C
8-Pin SOIC
Standard
MIC2951-02BN**
5.0V
0.5%
–40° to +125°C
8-Pin Plastic DIP
Standard
MIC2951-03BN
5.0V
1.0%
–40° to +125°C
8-Pin Plastic DIP
Standard
MIC2951-03BMM
5.0V
1.0%
–40° to +125°C
8-Pin MSOP
Standard
MIC2951-3.3BM
3.3V
1.0%
–40° to +125°C
8-Pin SOIC
Standard
MIC2950-05YZ*/***
5.0V
0.5%
–40° to +125°C
3-Pin TO-92
Pb-Free
MIC2950-06YZ*/***
5.0V
1.0%
–40° to +125°C
3-Pin TO-92
Pb-Free
MIC2951-02YM***
5.0V
0.5%
–40° to +125°C
8-Pin SOIC
Pb-Free
MIC2951-03YM***
5.0V
1.0%
–40° to +125°C
8-Pin SOIC
Pb-Free
MIC2951-03YN***
5.0V
1.0%
–40° to +125°C
8-Pin Plastic DIP
Pb-Free
MIC2951-03YMM***
5.0V
1.0%
–40° to +125°C
8-Pin MSOP
Pb-Free
MIC2951-3.3YM***
3.3V
1.0%
–40° to +125°C
8-Pin SOIC
Pb-Free
Note:
*
TO-92 Package discontinuance notification issued September 2007. End-of-life-buy offer thru December 31, 2007. Contact factory for
additional information.
** Contact factory for Pb-Free version.
*** Pb-Free RoHS compliant with ‘high-melting solder’ exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com