Electronic Components Datasheet Search
  English  ▼

X  

MIC2950 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2950
Description  150mA Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2950 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2950 Datasheet HTML 1Page - Micrel Semiconductor MIC2950 Datasheet HTML 2Page - Micrel Semiconductor MIC2950 Datasheet HTML 3Page - Micrel Semiconductor MIC2950 Datasheet HTML 4Page - Micrel Semiconductor MIC2950 Datasheet HTML 5Page - Micrel Semiconductor MIC2950 Datasheet HTML 6Page - Micrel Semiconductor MIC2950 Datasheet HTML 7Page - Micrel Semiconductor MIC2950 Datasheet HTML 8Page - Micrel Semiconductor MIC2950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC2950/2951
February 2010
3
M9999-021610
Pin Configuration
TO-92 (Z)
(Bottom View)
DIP (N), SOIC (M), MM8
® (MM)
(Top View)
Pin Description
Pin No.
MIC2950
Pin No.
MIC2951
Pin Name
Pin Function
3
1
OUT
Regulated Output.
2
SNS
Sense (Input): Output-voltage sensing end of internal voltage divider for fixed 5V
operation. Not used in adjustable configuration.
3
SHDN
Shutdown/Enable (Input): TTL compatible input. High = shutdown, low or open
= enable.
2
4
GND
Ground.
5
ERR
Error Flag (Output): Active low, open-collector output (low = error, floating =
normal).
6
TAP
3.3V/4.85/5V Tap: Output of internal voltage divider when the regulator is
configured for fixed operation. Not used in adjustable configuration.
7
FB
Feedback (Input): 1.235V feedback from internal voltage divider’s TAP (for fixed
operation) or external resistor network (adjustable configuration).
1
8
IN
Unregulated Supply Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com