Electronic Components Datasheet Search
  English  ▼

X  

MIC4685WR Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4685WR
Description  3A SPAK SuperSwitcher Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685WR Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4685WR Datasheet HTML 9Page - Micrel Semiconductor MIC4685WR Datasheet HTML 10Page - Micrel Semiconductor MIC4685WR Datasheet HTML 11Page - Micrel Semiconductor MIC4685WR Datasheet HTML 12Page - Micrel Semiconductor MIC4685WR Datasheet HTML 13Page - Micrel Semiconductor MIC4685WR Datasheet HTML 14Page - Micrel Semiconductor MIC4685WR Datasheet HTML 15Page - Micrel Semiconductor MIC4685WR Datasheet HTML 16Page - Micrel Semiconductor MIC4685WR Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel, Inc.
MIC4685
January 2010
13
M9999-012610
Recommended Components for a Given Output Voltage (Bootstrap Configuration)
VOUT
IOUT*
R1
R2
VIN
C1
D1
D2
L1
C4
5.0V
2.1A
3.01k
976Ω
7.5V – 16V
47µF, 20V
Vishay-Dale
595D476X0020D2T
3A, 30V
Schottky
+ Vishay
B330A
1A, 20V
Schottky
B120-E3
39µH
Sumida
CDRH127R-390MC
330µF, 6.3V
Vishay-Dale
594D337X06R3D2T
3.3V
2.2A
3.01k
1.78k
6.0V – 16V
47µF, 20V
Vishay-Dale
595D476X0020D2T
3A, 30V
Schottky
B330A
1A, 20V
Schottky
B120-E3
39µH
Sumida
CDRH127R-390MC
330µF, 6.3V
Vishay-Dale
594D337X06R3D2T
2.5V
2.0A
3.01k
2.94k
5.0V – 16V
47µF, 20V
Vishay-Dale
595D476X0020D2T
3A, 30V
Schottky
B330A
1A, 20V
Schottky
B120-E3
39µH
Sumida
CDRH127R-390MC
330µF, 6.3V
Vishay-Dale
594D337X06R3D2T
1.8V
2.0A
3.01k
6.49k
5.0V – 16V
47µF, 20V
Vishay-Dale
595D476X0020D2T
3A, 30V
Schottky
+ Vishay
B330A
1A, 20V
Schottky
B120-E3
39µH
Sumida
CDRH127R-390MC
330µF, 6.3V
Vishay-Dale
594D337X06R3D2T
*
Maximum output current at minimum input voltage. See SOA curves for maximum output current vs. Input voltage.
Table 1. Recommended Components for Common Output Voltages
SW
L1
39µH
IN
FB
GND
EN
D1
B330A
or
SS33
J2
VOUT
J4
GND
U1 MIC4685_R
C2
0.1µF
50V
C1
47µF
20V
J1
VIN
D2
MBRX120
1A/20V
J3
GND
JP3
4, Tab
3
BS 1
6
2
5
ON
OFF
C5
330µF
6.3V
C4*
optional
C7
0.1µF
50V
C3
0.33µF
50V
R1
R2
* C4 can be used to provide additional stability
and improved transient response.
Note: optimized for 5VOUT
Figure 3. Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com