Electronic Components Datasheet Search
  English  ▼

X  

MIC4685WR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4685WR
Description  3A SPAK SuperSwitcher Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685WR Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4685WR Datasheet HTML 1Page - Micrel Semiconductor MIC4685WR Datasheet HTML 2Page - Micrel Semiconductor MIC4685WR Datasheet HTML 3Page - Micrel Semiconductor MIC4685WR Datasheet HTML 4Page - Micrel Semiconductor MIC4685WR Datasheet HTML 5Page - Micrel Semiconductor MIC4685WR Datasheet HTML 6Page - Micrel Semiconductor MIC4685WR Datasheet HTML 7Page - Micrel Semiconductor MIC4685WR Datasheet HTML 8Page - Micrel Semiconductor MIC4685WR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
MIC4685
January 2010
2
M9999-012610
Ordering Information
Part Number
Standard
RoHS Compliant*
Voltage
Junction
Temp. Range
Package
MIC4685BR
MIC4685WR
Adj.
–40° to +125°C
7-Pin SPAK
MIC4685WR EV
Adj.
Evaluation Board
*
RoHS compliant with ‘high-melting solder’ exemption.
Pin Configuration
7NC
6SW
5EN
4GND
3FB
2IN
1BS
7-Pin SPAK (R)
Pin Description
Pin Number
Pin Name
Pin Function
1
BS
Bootstrap Voltage Node (External Component): Connect to external boost
capacitor.
2
IN
Supply (Input): Unregulated +4V to 30V supply voltage (34V transient)
3
FB
Feedback (Input): Outback voltage feedback to regulator. Connect to 1.235V
tap of resistive divider.
4, Tab
GND
Ground
5
EN
Enable (Input): Logic high = enable; logic low = shutdown
6
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Schottky diode.
7
NC
No Connect. Tie this pin-to-ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com