Electronic Components Datasheet Search
  English  ▼

X  

LC66P516 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC66P516
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66P516 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC66P516 Datasheet HTML 9Page - Sanyo Semicon Device LC66P516 Datasheet HTML 10Page - Sanyo Semicon Device LC66P516 Datasheet HTML 11Page - Sanyo Semicon Device LC66P516 Datasheet HTML 12Page - Sanyo Semicon Device LC66P516 Datasheet HTML 13Page - Sanyo Semicon Device LC66P516 Datasheet HTML 14Page - Sanyo Semicon Device LC66P516 Datasheet HTML 15Page - Sanyo Semicon Device LC66P516 Datasheet HTML 16Page - Sanyo Semicon Device LC66P516 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
4. Erase procedure
Use a general-purpose EPROM eraser to erase data written to the EPROM.
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: 1. Applies to pins with open-drain output specifications. For pins with other than open-drain output specifications, the ratings in the pin column for that
pin apply.
2. For the oscillator input and output pins, levels up to the free-running oscillation level are allowed.
3. Sink current (Applies to PD when the inverter array specifications have been selected.)
4. Source current (Applies to all pins except PD for which the pull-up output specifications, the CMOS output specifications, or the inverter array
specifications have been selected. Applies to P8 pins for which the inverter array specifications have been selected.) Contact your Sanyo
representative for the electrical characteristics when the inverter array or buffer array options are specified.
No. 5486-13/26
LC66E2316
Parameter
Symbol
Conditions
Ratings
Unit
Note
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VIN1
P2, P3 (except for the P33/HOLD pin),
–0.3 to +12.0
V
1
Input voltage
P61, and P63
VIN2
All other inputs
–0.3 to VDD + 0.3
V
2
VOUT1
P2, P3 (except for the P33/HOLD pin),
–0.3 to +12.0
V
1
Output voltage
P61, and P63
VOUT2
All other inputs
–0.3 to VDD + 0.3
V
2
ION1
P0, P1, P2, P3 (except for the P33/HOLD pin),
20
mA
3
P4, P5, P6, PC
Output current per pin
ION2
P41, P43, PC3, PD1, PD3
20
mA
3
–IOP1
P0, P1, P4, P5
2
mA
4
–IOP2
P2, P3 (except for the P33/HOLD pin), P6,and PC
4
mA
4
Σ I
ON1
P0, P1, P2, P3 (except for the P33/HOLD pin), PD
75
mA
3
Total pin current
Σ I
ON2
P4, P5, P6, PC
75
mA
3
Σ I
OP1
P0, P1, P2, P3 (except for the P33/HOLD pin), PD
25
mA
4
Σ I
OP2
P4, P5, P6, PC
25
mA
4
Allowable power dissipation
Pd max
Ta = +10 to +40°C: DIC42S (QFC48)
600 (430)
mW
5
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
SW DASEC
O
Pin 1
Aligned to the top
SW
DASEC
Cut corner
Pin 1
Pin 1
LC66E2316 (DIC)
LC66E2316 (QFC)
Write board (W66EP5316D)
Write board (W66EP2316Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com