Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5239_07 Datasheet HTML 1Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 2Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 3Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 4Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 5Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 6Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 7Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 8Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel
MIC5239
December 2007
2
M9999-121007
Ordering Information
Part Number
Standard
Pb-Free
Voltage
(1)
Junction Temp. Range
Package
MIC5239-1.5BM
MIC5239-1.5YM
1.5V
–40°C to +125°C
8-pin SOIC
MIC5239-1.5BMM
MIC5239-1.5YMM
1.5V
–40°C to +125°C
8-pin MSOP
MIC5239-1.5BS
MIC5239-1.5YS
1.5V
–40°C to +125°C
SOT-223
MIC5239-1.8BM
MIC5239-1.8YM
1.8V
–40°C to +125°C
8-pin SOIC
MIC5239-1.8BMM
MIC5239-1.8YMM
1.8V
–40°C to +125°C
8-pin MSOP
MIC5239-1.8BS
MIC5239-1.8YS
1.8V
–40°C to +125°C
SOT-223
MIC5239-2.5BM
MIC5239-2.5YM
2.5V
–40°C to +125°C
8-pin SOIC
MIC5239-2.5BMM
MIC5239-2.5YMM
2.5V
–40°C to +125°C
8-pin MSOP
MIC5239-2.5BS
MIC5239-2.5YS
2.5V
–40°C to +125°C
SOT-223
MIC5239-3.0BM
MIC5239-3.0YM
3.0V
–40°C to +125°C
8-pin SOIC
MIC5239-3.0BMM
MIC5239-3.0YMM
3.0V
–40°C to +125°C
8-pin MSOP
MIC5239-3.0BS
MIC5239-3.0YS
3.0V
–40°C to +125°C
SOT-223
MIC5239-3.3BM
MIC5239-3.3YM
3.3V
–40°C to +125°C
8-pin SOIC
MIC5239-3.3BMM
MIC5239-3.3YMM
3.3V
–40°C to +125°C
8-pin MSOP
MIC5239-3.3BS
MIC5239-3.3YS
3.3V
–40°C to +125°C
SOT-223
MIC5239-5.0BM
MIC5239-5.0YM
5.0V
–40°C to +125°C
8-pin SOIC
MIC5239-5.0BMM
MIC5239-5.0YMM
5.0V
–40°C to +125°C
8-pin MSOP
MIC5239-5.0BS
MIC5239-5.0YS
5.0V
–40°C to +125°C
SOT-223
MIC5239BM
MIC5239YM
ADJ
–40°C to +125°C
8-pin SOIC
MIC5239BMM
MIC5239YMM
ADJ
–40°C to +125°C
8-pin MSOP
Note:
1. Other Voltages available. Contact Micrel for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com