Electronic Components Datasheet Search
  English  ▼

X  

MIC5239 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5239
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5239_07 Datasheet HTML 1Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 2Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 3Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 4Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 5Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 6Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 7Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 8Page - Micrel Semiconductor MIC5239_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel
MIC5239
December 2007
3
M9999-121007
Pin Configuration
SOIC-8 (M)
SOT-223 (S)
SOIC-8 (M)
MSOP-8(MM)
MSOP-8(MM)
(Fixed)
(Adj)
Pin Description
Pin Number
MSOP/SOIC
Pin Number
SOT-223
Pin Name
Pin Function
2 (fixed)
—
FLG
Error FLAG (Output): Open-collector output is active low when the output
is out of regulation due to insufficient input voltage or excessive load. An
external pull-up resistor is required.
2 (adj)
—
ADJ
Adjustable Feedback Input: Connect to voltage divider network.
3
1
IN
Power Supply Input.
4
3
OUT
Regulated Output.
1
—
EN
Enable (input): Logic low = shutdown; logic high = enabled.
5–8
2
GND
Ground: Pins 5, 6, 7, and 8 are internally connected in common via the
leadframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com