Electronic Components Datasheet Search
  English  ▼

X  

MIC5255 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5255
Description  150mA Low Noise Cap CMOS LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5255_06 Datasheet HTML 1Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 2Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 3Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 4Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 5Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 6Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 7Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 8Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC5255
November 2006
2
M9999-110906
Ordering Information
Part Number
Marking
Standard
Pb-Free
Standard
Pb-Free**
Voltage*
Junction
Temp. Range
Package
MIC5255-2.5BD5
MIC5255-2.5YD5
NW25
NW25
2.5V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.5BM5
MIC5255-2.5YM5
LW25
KW25
2.5V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.6BD5
MIC5255-2.6YD5
NW26
NW26
2.6V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.6BM5
MIC5255-2.6YM5
LW26
KW26
2.6V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.7BD5
MIC5255-2.7YD5
NW27
NW27
2.7V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.7BM5
MIC5255-2.7YM5
LW27
KW27
2.7V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.75BM5
MIC5255-2.75YM5
LW2H
KW2H
2.75V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.8BD5
MIC5255-2.8YD5
NW28
NW28
2.8V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.8BM5
MIC5255-2.8YM5
LW28
KW28
2.8V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.8BML
MIC5255-2.8YML
W28
W28***
2.8V
–40° to +125°C
6-Pin 2x2 MLF
®
MIC5255-2.85BD5
MIC5255-2.85YD5
NW2J
NW2J
2.85V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.85BM5
MIC5255-2.85YM5
LW2J
KW2J
2.85V
–40° to +125°C
5-Pin SOT-23
MIC5255-2.85BML
MIC5255-2.85YML
W2J
W2J***
2.85V
–40° to +125°C
6-Pin 2x2 MLF
®
MIC5255-2.9BD5
MIC5255-2.9YD5
NW29
NW29
2.9V
–40° to +125°C
5-Pin TSOT-23
MIC5255-2.9BM5
MIC5255-2.9YM5
LW29
KW29
2.9V
–40° to +125°C
5-Pin SOT-23
MIC5255-3.0BD5
MIC5255-3.0YD5
NW30
NW30
3.0V
–40° to +125°C
5-Pin TSOT-23
MIC5255-3.0BM5
MIC5255-3.0YM5
LW30
KW30
3.0V
–40° to +125°C
5-Pin SOT-23
MIC5255-3.0BML
MIC5255-3.0YML
W30
W30***
3.0V
–40° to +125°C
6-Pin 2x2 MLF
®
MIC5255-3.1BM5
MIC5255-3.1YM5
LW31
KW31
3.1V
–40° to +125°C
5-Pin SOT-23
MIC5255-3.2BM5
MIC5255-3.2YM5
LW32
KW32
3.2V
–40° to +125°C
5-Pin SOT-23
MIC5255-3.3BD5
MIC5255-3.3YD5
NW33
NW33
3.3V
–40° to +125°C
5-Pin TSOT-23
MIC5255-3.3BM5
MIC5255-3.3YM5
LW33
KW33
3.3V
–40° to +125°C
5-Pin SOT-23
MIC5255-3.3BML
MIC5255-3.3YML
W33
W33***
3.3V
–40° to +125°C
6-Pin 2x2 MLF
®
MIC5255-3.5BM5
MIC5255-3.5YM5
LW35
KW35
3.5V
–40° to +125°C
5-Pin SOT-23
Notes:
*
Other Voltage available. Contact Micrel for details.
**
Under bar / Over bar symbol may not be to scale.
*** Over bar symbol located after Pin 1 identifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com