Electronic Components Datasheet Search
  English  ▼

X  

MIC5255 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5255
Description  150mA Low Noise Cap CMOS LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5255_06 Datasheet HTML 1Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 2Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 3Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 4Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 5Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 6Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 7Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 8Page - Micrel Semiconductor MIC5255_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC5255
November 2006
3
M9999-110906
Pin Configuration
IN
OUT
BYP
EN
LW xx
1
3
45
2
GND
IN
OUT
BYP
EN
NW xx
1
3
45
2
GND
1
EN
GND
IN
6 BYP
NC
OUT
5
4
2
3
Wxx
MIC5255-x.xBM5
5-Pin SOT23 (M5)
MIC5255-x.xBD5
5-Pin Thin SOT23 (D5)
MIC5255-x.xBML
6-Pin 2x2 MLF
® (ML)
IN
OUT
BYP
EN
KW xx
1
3
45
2
GND
IN
OUT
BYP
EN
NW xx
1
3
45
2
GND
1
EN
GND
IN
6 BYP
NC
OUT
5
4
2
3
Wxx
MIC5255-x.xYM5
5-Pin SOT23 (M5)
MIC5255-x.xYD5
5-Pin Thin SOT23 (D5)
MIC5255-x.xYML
6-Pin 2x2 MLF
® (ML)
Pin Description
Pin Number
SOT23-5
TSOT23-5
Pin Number
6-MLF
Pin Name
Pin Name
1
3
IN
Supply Input.
2
2
GND
Ground.
3
1
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
4
6
BYP
Reference Bypass: Connect external 0.01µF ≤ CBYP ≤ 1.0µF capacitor
to GND to reduce output noise. May be left open.
5
4
OUT
Regulator Output.
–
5
NC
No internal connection.
–
EP
GND
Ground: Internally connected to the exposed pad. Connect externally to
GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com