Electronic Components Datasheet Search
  English  ▼

X  

MIC5239BMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5239BMM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239BMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5239BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel
MIC5239
December 2007
7
M9999-121007
Typical Characteristics (continued) (V
OUT = 3V)
0
20
40
60
80
100
120
-20
-10
0
10
SUPPLY VOLTAGE (V)
Input Current
V
EN = 5V
R
LOAD = 30
Functional Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com