Electronic Components Datasheet Search
  English  ▼

X  

MIC7221 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC7221
Description  IttyBitty Rail-to-Rail Input Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7221 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC7221 Datasheet HTML 1Page - Micrel Semiconductor MIC7221 Datasheet HTML 2Page - Micrel Semiconductor MIC7221 Datasheet HTML 3Page - Micrel Semiconductor MIC7221 Datasheet HTML 4Page - Micrel Semiconductor MIC7221 Datasheet HTML 5Page - Micrel Semiconductor MIC7221 Datasheet HTML 6Page - Micrel Semiconductor MIC7221 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2009
1
M9999-100909
Micrel, Inc.
MIC7211/7221
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Amplifier Output
2
V+
Positive Supply
3
IN+
Noninverting Input
4
IN–
Inverting Input
5
V–
Negative Suppy
MIC7211/7221
IttyBitty® Rail-to-Rail Input Comparator
Functional Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
SOT-23-5 (M5)
General Description
The MIC7211 and MIC7221 are micropower comparators
featuring rail-to-rail input performance in Micrel’s IttyBitty®
SOT-23-5 package. The MIC7211/21 is ideal for systems
where small size is a critical consideration.
The MIC7211/21 is optimized for single supply operation from
2.2V to 10V power supplies.
The MIC7211 features a conventional push-pull output while
the MIC7221 has an open-drain output for mixed-voltage
applications with an external pull-up resistor.
The MIC7211/21 benefits small battery-operated portable
electronic devices where small size and the ability to place
the comparator close to the signal source are primary design
concerns.
Pin Configuration
OUT
V+
IN–
IN+
1
3
45
2
V–
Axx
Part
Identification
Features
• Small footprint SOT-23-5 package
• Guaranteed performance at 2.2V, 2.7V, 5V, and 10V
• 7µA typical supply current at 5V
• <5µs response time at 5V
• Push-pull output (MIC7211)
• Open-drain output (MIC7221)
• Input voltage range may exceed supply voltage by 0.3V
• >100mA typical sink or source
Applications
• Battery-powered products
• Notebook computers and PDAs
• PCMCIA cards
• Cellular and other wireless communication devices
• Alarm and security circuits
• Direct sensor interface
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Marking
Temp. Range
Package
Lead Finish
MIC7211BM5
A14
–40°C to +85°C
SOT-23-5
Standard
MIC7221BM5
A15
–40°C to +85°C
SOT-23-5
Standard
MIC7211YM5
A14
–40°C to +85°C
SOT-23-5
Pb-Free
MIC7221YM5
A15
–40°C to +85°C
SOT-23-5
Pb-Free


Similar Part No. - MIC7221

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7221BM5 MICREL-MIC7221BM5 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
More results

Similar Description - MIC7221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111 Datasheet
73Kb / 8P
1.8V IttyBitty??Rail-to-Rail Input/Output Op Amp Preliminary Information
MIC7211 MICREL-MIC7211 Datasheet
75Kb / 8P
IttyBitty??Rail-to-Rail Input Comparator Preliminary Information
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Micrel Semiconductor
MIC7111 MICREL-MIC7111_05 Datasheet
484Kb / 8P
1.8V IttyBitty Rail-to-Rail Input/Output Op Amp
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com