Electronic Components Datasheet Search
  English  ▼

X  

MIC7221 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC7221
Description  IttyBitty Rail-to-Rail Input Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7221 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC7221 Datasheet HTML 1Page - Micrel Semiconductor MIC7221 Datasheet HTML 2Page - Micrel Semiconductor MIC7221 Datasheet HTML 3Page - Micrel Semiconductor MIC7221 Datasheet HTML 4Page - Micrel Semiconductor MIC7221 Datasheet HTML 5Page - Micrel Semiconductor MIC7221 Datasheet HTML 6Page - Micrel Semiconductor MIC7221 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Micrel, Inc.
MIC7211/7221
October 2009
4
M9999-100909
AC Electrical Characteristics
VV– = 0V, VCM = VOUT = VV+/2; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; Note 7; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
tRISE
Rise Time
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
75
ns
overdrive = 10mV,
Note 9
tFALL
Fall Time
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
70
ns
overdrive = 10mV,
Note 9
tPHL
Propagation Delay-High to Low
VV+ = 2.2V, f = 10kHz, CLOAD = 50pF
10
µs
overdrive = 10mV,
Note 9
VV+ = 2.2V, f = 10kHz, CLOAD = 50pF
6.0
µs
overdrive = 100mV, Note 9
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
13
µs
overdrive = 10mV, Note 9
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
5
µs
overdrive = 100mV,
Note 9
tPLH
Propagation Delay-Low to High
VV+ = 2.2V, f = 10kHz, CLOAD = 50pF
13.5
µs
overdrive = 10mV,
Note 9
VV+ = 2.2V, f = 10kHz, CLOAD = 50pF
4.0
µs
overdrive = 100mV, Note 9
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
11.5
µs
overdrive = 10mV, Note 9
VV+ = 5.0V, f = 10kHz, CLOAD = 50pF
3.0
µs
overdrive = 100mV,
Note 9
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. I/O pin voltage is any external voltage to which an input or output is referenced.
Note 4. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max); the junction-to-ambient thermal
resistance, θJA; and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using
PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note 5. Thermal resistance, θJA, applies to a part soldered on a printed circuit board.
Note 6. Devices are ESD sensitive. Handling precautions recommended.
Note 7. All limits guaranteed by testing on statistical analysis.
Note 8. Continuous short circuit may exceed absolute maximum TJ under some conditions.
Note 9. The MIC7221 requires 5kΩ pull-up resistor.
V+
V–
OUT
MIC7211 Push-Pull Output
V+
V–
OUT
MIC7221 Open-Drain Output
Partial Functional Diagrams



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com