Electronic Components Datasheet Search
  English  ▼

X  

MIC22705YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC22705YML
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC22705YML Datasheet HTML 1Page - Micrel Semiconductor MIC22705YML Datasheet HTML 2Page - Micrel Semiconductor MIC22705YML Datasheet HTML 3Page - Micrel Semiconductor MIC22705YML Datasheet HTML 4Page - Micrel Semiconductor MIC22705YML Datasheet HTML 5Page - Micrel Semiconductor MIC22705YML Datasheet HTML 6Page - Micrel Semiconductor MIC22705YML Datasheet HTML 7Page - Micrel Semiconductor MIC22705YML Datasheet HTML 8Page - Micrel Semiconductor MIC22705YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
2
M9999-121710-A
Ordering Information
Part Number
Voltage
Junction Temperature Range
Package
Lead Finish
MIC22705YML
Adjustable
–40°C to +125°C
24-Pin 4x4 MLF
®
Pb-Free
Note:
1. Other Voltage available. Contact Micrel for details.
Pin Configuration
24-Pin 4mm
× 4mm MLF® (ML)
Pin Description
Pin Number
Pin Name
Description
1, 6, 13, 18
PVIN
Power Supply Voltage (Input): The PVIN pins are the input supply to the internal P-Channel
Power MOSFET. A 22µF ceramic is recommended for bypassing at each PVIN pin. The SVIN
pin must be connected to a PVIN pin.
2
EN/DLY
Enable/Delay (Input): This pin is internally fed with a 1µA current source from SVIN. A delayed
turn on is implemented by adding a capacitor to this pin. The delay is proportional to the
capacitor value. The internal circuits are held off until EN/DLY reaches the enable threshold of
1.24V. This pin is pulled low when the input voltage is lower than the UVLO threshold.
3
DELAY
Delay (Input): Capacitor to ground sets internal delay timer. Timer delays Power Good (PG)
output at turn-on and ramp down at turn-off.
4
RC
Ramp Control: A capacitor from the RC pin-to-ground determines slew rate of output voltage
during start-up. The RC pin is internally fed with a 1µA current source. The output voltage tracks
the RC pin voltage. The slew rate is proportional by the internal 1µA source and RC pin
capacitor. This feature can be used for tracking capability as well as soft start.
5
PG
PG (Output): This is an open drain output that indicates when the output voltage is below 90% of
its nominal voltage. The PG flag is asserted without delay when the enable is set low or when the
output goes below the 90% threshold.
14
FB
Feedback: Input to the error amplifier. The FB pin is regulated to 0.7V. A resistor divider
connecting the feedback to the output is used to adjust the desired output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com