Electronic Components Datasheet Search
  English  ▼

X  

MIC22705YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC22705YML
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC22705YML Datasheet HTML 1Page - Micrel Semiconductor MIC22705YML Datasheet HTML 2Page - Micrel Semiconductor MIC22705YML Datasheet HTML 3Page - Micrel Semiconductor MIC22705YML Datasheet HTML 4Page - Micrel Semiconductor MIC22705YML Datasheet HTML 5Page - Micrel Semiconductor MIC22705YML Datasheet HTML 6Page - Micrel Semiconductor MIC22705YML Datasheet HTML 7Page - Micrel Semiconductor MIC22705YML Datasheet HTML 8Page - Micrel Semiconductor MIC22705YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Micrel, Inc.
MIC22705
December 2010
3
M9999-121710-A
Pin Description (Continued)
Pin Number
Pin Name
Description
15
COMP
Compensation Pin (Input): The MIC22705 uses an internal compensation network containing a
fixed-frequency zero (phase lead response) and pole (phase lag response) which allows the
external compensation network to be much simplified for stability. The addition of a single
capacitor and resistor to the COMP pin will add the necessary pole and zero for voltage mode
loop stability using low-value, low-ESR ceramic capacitors.
16
SGND
Signal Ground: Internal signal ground for all low power circuits.
17
SVIN
Signal Power Supply Voltage (Input): This pin is connected externally to the PVIN pin. A 2.2µF
ceramic capacitor from the SVIN pin to SGND must be placed next to the IC.
7, 12, 19, 24
PGND
Power Ground: Internal ground connection to the source of the internal N-Channel MOSFETs.
8, 9, 10, 11,
20, 21, 22, 23
SW
Switch (Output): This is the connection to the drain of the internal P-Channel MOSFET and drain
of the N-Channel MOSFET. This is a high-frequency, high-power connection; therefore traces
should be kept as short and as wide as practical.
EP
GND
Exposed Pad (Power): Must be connected to the GND plane for full output power to be realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com