Electronic Components Datasheet Search
  English  ▼

X  

MIC26600 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC26600
Description  7A Hyper Speed Control Synchronous DC-DC Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26600 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC26600 Datasheet HTML 5Page - Micrel Semiconductor MIC26600 Datasheet HTML 6Page - Micrel Semiconductor MIC26600 Datasheet HTML 7Page - Micrel Semiconductor MIC26600 Datasheet HTML 8Page - Micrel Semiconductor MIC26600 Datasheet HTML 9Page - Micrel Semiconductor MIC26600 Datasheet HTML 10Page - Micrel Semiconductor MIC26600 Datasheet HTML 11Page - Micrel Semiconductor MIC26600 Datasheet HTML 12Page - Micrel Semiconductor MIC26600 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Micrel, Inc.
MIC26600
September 2010
9
M9999-091710-C
Typical Characteristics (Continued)
Efficiency (VIN = 5V)
vs. Output Current
70
75
80
85
90
95
100
01
234
567
89
OUTPUT CURRENT (A)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Efficiency (VIN = 12V)
vs. Output Current
70
75
80
85
90
95
100
0
123
4
5
678
9
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Efficiency (VIN = 24V)
vs. Output Current
70
75
80
85
90
95
012
34
567
89
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
Die Temperature* :
The temperature measurement was taken at the hottest point on the MIC26600 case mounted on a 5 square inch PCB, see
Thermal Measurement section. Actual results will depend upon the size of the PCB, ambient temperature and proximity to other heat emitting
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com