Electronic Components Datasheet Search
  English  ▼

X  

MIC26600 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC26600
Description  7A Hyper Speed Control Synchronous DC-DC Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26600 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC26600 Datasheet HTML 1Page - Micrel Semiconductor MIC26600 Datasheet HTML 2Page - Micrel Semiconductor MIC26600 Datasheet HTML 3Page - Micrel Semiconductor MIC26600 Datasheet HTML 4Page - Micrel Semiconductor MIC26600 Datasheet HTML 5Page - Micrel Semiconductor MIC26600 Datasheet HTML 6Page - Micrel Semiconductor MIC26600 Datasheet HTML 7Page - Micrel Semiconductor MIC26600 Datasheet HTML 8Page - Micrel Semiconductor MIC26600 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Micrel, Inc.
MIC26600
September 2010
2
M9999-091710-C
Ordering Information
Part Number
Voltage
Switching Frequency
Junction Temperature Range
Package
Lead Finish
MIC26600YJL
Adjustable
300kHz
−40°C to +125°C
28-pin 5mm
× 6mm MLF®
Pb-Free
Pin Configuration
28-Pin 5mm
× 6mm MLF® (YJL)
Pin Description
Pin
Number
Pin Name
Pin Function
13,14,15,
16,17,18,
19
PVIN
High-Side N-internal MOSFET Drain Connection (Input): The PVIN operating voltage range is from
4.5V to 26V. Input capacitors between the PVIN pins and the power ground (PGND) are required and
keep the connection short.
24
EN
Enable (Input): A logic level control of the output. The EN pin is CMOS-compatible. Logic high or
floating = enable, logic low = shutdown. In the off state, the VDD supply current of the device is
reduced (typically 0.7mA).
25
FB
Feedback (Input): Input to the transconductance amplifier of the control loop. The FB pin is regulated
to 0.8V. A resistor divider connecting the feedback to the output is used to adjust the desired output
voltage.
26
SGND
Signal ground. SGND must be connected directly to the ground planes. Do not route the SGND pin to
the PGND Pad on the top layer, see PCB layout guidelines for details.
27
VDD
VDD Bias (Input): Power to the internal reference and control sections of the MIC26600. The VDD
operating voltage range is from 4.5V to 5.5V. A 2.2µF ceramic capacitor from the VDD pin-to-PGND
must be placed next to the IC.
2,5,6,7,8,
21
PGND
Power Ground. PGND is the ground path for the MIC26600 buck converter power stage. The PGND
pin connects to the sources of low-side N-Channel internal MOSFETs, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The loop for the power ground should be
as small as possible and separate from the Signal ground (SGND) loop.
22
CS
Current Sense (Input): High current output driver return. The CS pin connects directly to the switch
node. Due to the high speed switching on this pin, the CS pin should be routed away from sensitive
nodes. CS pin also senses the current by monitoring the voltage across the low-side internal
MOSFET during OFF-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com