Electronic Components Datasheet Search
  English  ▼

X  

MIC33030 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC33030
Description  8MHz 400mA Internal Inductor Buck Regulator with HyperLight Load
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC33030 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC33030 Datasheet HTML 1Page - Micrel Semiconductor MIC33030 Datasheet HTML 2Page - Micrel Semiconductor MIC33030 Datasheet HTML 3Page - Micrel Semiconductor MIC33030 Datasheet HTML 4Page - Micrel Semiconductor MIC33030 Datasheet HTML 5Page - Micrel Semiconductor MIC33030 Datasheet HTML 6Page - Micrel Semiconductor MIC33030 Datasheet HTML 7Page - Micrel Semiconductor MIC33030 Datasheet HTML 8Page - Micrel Semiconductor MIC33030 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel Inc.
MIC33030
February 2011
2
M9999-020311-C
Ordering Information
Part Number
Marking
Code
Nominal Output
Voltage
Junction Temperature
Range
Package
Lead Finish
MIC33030-AYHJ
3GFA
ADJ
–40°C to +125°C
10-pin 2.5mm x 2.0mm MLF
®
Pb-Free
MIC33030-JYHJ
3GFJ
2.5V
–40°C to +125°C
10-pin 2.5mm x 2.0mm MLF
®
Pb-Free
MIC33030-GYHJ
3GFG
1.8V
–40°C to +125°C
10-pin 2.5mm x 2.0mm MLF
®
Pb-Free
MIC33030-4YHJ
3GF4
1.2V
–40°C to +125°C
10-pin 2.5mm x 2.0mm MLF
®
Pb-Free
Notes:
1.
Other options available. Contact Micrel for details.
2.
Thin MLF
® is GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
2.5mm x 2.0mm MLF
® (HJ)
2.5mm x 2.0mm MLF
® (HJ)
Fixed (Top View)
Adjustable (Top View)
Pin Description
Fixed Option
ADJ Option
Pin Name
Pin Function
1
1
SNS
Sense: Connect to VOUT as close to output capacitor as possible to sense
output voltage.
2
−
NC
Not internally connected.
−
2
FB
Feedback: Connect resistor divider at this node to set output voltage. Resistors
should be selected based on a nominal VFB = 0.62V.
3
3
EN
Enable: Logic high enables operation of the regulator. Logic low will shut down
the device. Do not leave floating.
4, 5
4, 5
SW
Switch: Internal power MOSFET output switches.
6, 7
6, 7
VOUT
Output Voltage: The output of the regulator. Connect to SNS pin. For adjustable
option, connect to feedback resistor network.
8
8
PGND
Power Ground.
9
9
AGND
Analog Ground.
10
10
VIN
Input Voltage: Connect a capacitor to ground to decouple the noise.
EP
EP
HS PAD
Connect to PGND or AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com