Electronic Components Datasheet Search
  English  ▼

X  

MIC35302 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC35302
Description  3A, Low Voltage 關Cap LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC35302 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC35302 Datasheet HTML 1Page - Micrel Semiconductor MIC35302 Datasheet HTML 2Page - Micrel Semiconductor MIC35302 Datasheet HTML 3Page - Micrel Semiconductor MIC35302 Datasheet HTML 4Page - Micrel Semiconductor MIC35302 Datasheet HTML 5Page - Micrel Semiconductor MIC35302 Datasheet HTML 6Page - Micrel Semiconductor MIC35302 Datasheet HTML 7Page - Micrel Semiconductor MIC35302 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MIC35302
October 2009
3
M9999-102309-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)..................................... –0.3V to +6.5V
Enable Input Voltage (VEN)........................... –0.3V to +6.5V
Power Dissipation .....................................Internally Limited
Junction Temperature .........................–40°C ≤ TJ ≤ +125°C
Storage Temperature (Ts) ...................–65°C ≤ TJ ≤ +150°C
Lead Temperature (soldering, 5sec.)......................... 260°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply voltage (VIN) ................................... +2.25V to +6.0V
Enable Input Voltage (VEN)................................ 0V to +6.0V
Junction Temperature Range .............–40°C ≤ TJ ≤ +125°C
Maximum Power Dissipation..................................... Note 4
Package Thermal Resistance
TO-252 (θJC) ........................................................3°C/W
TO-252 (θJA) ......................................................56°C/W
Electrical Characteristics
(5)
TJ = 25°C with VIN = VEN = VOUT + 1V; IOUT = 10mA; bold values indicate –40°C < TJ < +125°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Line Regulation
VIN = VOUT +1.0V to 6.0V
0.02
0.5
%
Output Voltage Load Regulation
IOUT = 10mA to 3A
0.2
1
%
IOUT = 1.5A
250
450
mV
Dropout Voltage, VIN – VOUT
Note 6
IOUT = 3A
370
600
mV
Ground Pin Current, Note 7
IOUT = 3A
20
50
mA
Ground Pin Current in Shutdown
VIL ≤ 0.5V, VIN = VOUT + 1V
1.0
µA
Current Limit
VOUT = 0
3.5
6
8.5
A
Start-up Time
VEN = VIN, IOUT = 10mA, COUT = 47µF
35
150
µs
Enable Input
Regulator enable
2.25
V
Enable Input Threshold
Regulator shutdown
0.8
V
VIL ≤ 0.8V (regulator shutdown)
4
µA
Enable Pin Input Current
VIH ≥ 2.25V (regulator enabled)
1
15
75
µA
Adjust Pin
1.228
1.240
1.252
V
Reference Voltage
1.215
1.265
V
Reference Voltage Temp. Coefficient
Note 8
20
ppm/°C
Adjust Pin Bias Current
40
80
120
nA
nA
Adjust Pin Bias Current Temp.
Coefficient
0.1
nA/°C
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. 200V Machine Model
4.
PD(MAX) = (TJ(MAX) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applications Information.”
5.
Specification for packaged product only.
6.
VDO = VIN – VOUT when VOUT decreased to 98% of its nominal output voltage with VIN = VOUT +1V. For output voltages below 1.75V, dropout voltage
specification does not apply due to a minimum input operating voltage of 2.25V.
7.
IGND is the quiescent current. IIN = IGND + IOUT.
8.
Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at VIN = 6V for t = 10ms.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com