Electronic Components Datasheet Search
  English  ▼

X  

MIC35302 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC35302
Description  3A, Low Voltage 關Cap LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC35302 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC35302 Datasheet HTML 1Page - Micrel Semiconductor MIC35302 Datasheet HTML 2Page - Micrel Semiconductor MIC35302 Datasheet HTML 3Page - Micrel Semiconductor MIC35302 Datasheet HTML 4Page - Micrel Semiconductor MIC35302 Datasheet HTML 5Page - Micrel Semiconductor MIC35302 Datasheet HTML 6Page - Micrel Semiconductor MIC35302 Datasheet HTML 7Page - Micrel Semiconductor MIC35302 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Micrel, Inc.
MIC35302
October 2009
4
M9999-102309-A
Typical Characteristics
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
I
OUT =3A
C
OUT =47µF
C
IN =0
V
IN =2.5V
V
OUT =1.5V
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
I
OUT =3A
C
OUT = 100µF
C
IN =0
V
IN =2.5V
V
OUT =1.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com