Electronic Components Datasheet Search
  English  ▼

X  

MIC37151 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC37151
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37151 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC37151 Datasheet HTML 1Page - Micrel Semiconductor MIC37151 Datasheet HTML 2Page - Micrel Semiconductor MIC37151 Datasheet HTML 3Page - Micrel Semiconductor MIC37151 Datasheet HTML 4Page - Micrel Semiconductor MIC37151 Datasheet HTML 5Page - Micrel Semiconductor MIC37151 Datasheet HTML 6Page - Micrel Semiconductor MIC37151 Datasheet HTML 7Page - Micrel Semiconductor MIC37151 Datasheet HTML 8Page - Micrel Semiconductor MIC37151 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
5
M9999-101907
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. PD(MAX) = (TJ(MAX) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applications Information.”
5. Specification for packaged product only.
6. VDO = VIN – VOUT when VOUT decreased to 98% of its nominal output voltage with VIN = VOUT +1V. For output voltages below 1.75V, dropout voltage
specification does not apply due to a minimum input operating voltage of 2.25V.
7. IIN is the quiescent current. IIN = IIN + IOUT.
8. For a 2.5V device, VIN = 2.250V (device is in dropout).
9. VREF ≤ VOUT ≤ (VIN –1.0V), 2.25V ≤ VIN ≤ 6.0V, 10mA ≤ IL ≤ 1.5A, TJ = TMAX.
10. Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 200mA load pulse at VIN = 6V for t = 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com