Electronic Components Datasheet Search
  English  ▼

X  

MIC37151 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC37151
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37151 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC37151 Datasheet HTML 2Page - Micrel Semiconductor MIC37151 Datasheet HTML 3Page - Micrel Semiconductor MIC37151 Datasheet HTML 4Page - Micrel Semiconductor MIC37151 Datasheet HTML 5Page - Micrel Semiconductor MIC37151 Datasheet HTML 6Page - Micrel Semiconductor MIC37151 Datasheet HTML 7Page - Micrel Semiconductor MIC37151 Datasheet HTML 8Page - Micrel Semiconductor MIC37151 Datasheet HTML 9Page - Micrel Semiconductor MIC37151 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
6
M9999-101907
Typical Characteristics
0
20
40
60
80
1E-2 1E-1 1E+0 1E+1 1E+2 1E+3
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1.5A
C
OUT = 10µF
C
IN = 0
V
IN = 3.3V
V
OUT = 2.5V
0.01 0.1
110
100
1k
0
50
100
150
200
250
300
350
400
450
500
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Dropout Voltage vs.
Temperature
2.5V
OUT
0
5
10
15
20
25
30
35
40
45
0123456
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
V
OUT
= 2.5V
1500mA
750mA
1000mA
0.4
0.405
0.41
0.415
0.42
0.4
0.43
0.435
0.44
0.445
0.5
-40 -20 0 20406080 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
V
OUT = 2.5V
I
LOAD = 10mA
0
1
2
3
4
5.0
6
7
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
V
OUT = 2.5V
I
LOAD
= 750mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com